Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T128Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # M48T128Y
Description  3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T128Y Datasheet(HTML) 4 Page - STMicroelectronics

  M48T128Y Datasheet HTML 1Page - STMicroelectronics M48T128Y Datasheet HTML 2Page - STMicroelectronics M48T128Y Datasheet HTML 3Page - STMicroelectronics M48T128Y Datasheet HTML 4Page - STMicroelectronics M48T128Y Datasheet HTML 5Page - STMicroelectronics M48T128Y Datasheet HTML 6Page - STMicroelectronics M48T128Y Datasheet HTML 7Page - STMicroelectronics M48T128Y Datasheet HTML 8Page - STMicroelectronics M48T128Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
M48T128Y, M48T128V*
4/22
SUMMARY DESCRIPTION
The M48T128Y/V TIMEKEEPER® RAM is a
128Kb x 8 non-volatile static RAM and real time
clock. The special DIP package provides a fully in-
tegrated battery back-up memory and real time
clock solution. The M48T128Y/V directly replaces
industry standard 128Kb x 8 SRAM.
It also provides the non-volatility of Flash without
any requirement for special WRITE timing or limi-
tations on the number of WRITEs that can be per-
formed. The 32-pin, 600mil DIP Hybrid houses a
controller chip, SRAM, quartz crystal, and a long
life lithium button cell in a single package.
Figure 2. Logic Diagram
Table 1. Signal Names
Figure 3. DIP Connections
AI02244
17
A0-A16
DQ0-DQ7
VCC
M48T128Y
M48T128V
G
VSS
8
E
W
A0-A16
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable
G
Output Enable
W
WRITE Enable
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A15
A11
G
E
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
A16
NC
VCC
AI02245
M48T128Y
M48T128V
10
1
2
5
6
7
8
9
11
12
13
14
15
16
30
29
26
25
24
23
22
21
20
19
18
17
A12
A14
W
NC
3
4
28
27
32
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com