Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S8050-J-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # S8050-J-HF
Description  General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

S8050-J-HF Datasheet(HTML) 3 Page - Comchip Technology

  S8050-J-HF Datasheet HTML 1Page - Comchip Technology S8050-J-HF Datasheet HTML 2Page - Comchip Technology S8050-J-HF Datasheet HTML 3Page - Comchip Technology S8050-J-HF Datasheet HTML 4Page - Comchip Technology S8050-J-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rating and Characteristic Curves (S8050-L/H/J-HF)
0.4
1.2
0
1
Collector Current, IC (mA)
10
100
Fig.4 - VBEsat ― IC
500
0.8
Ta=25°C
Ta=100°C
β=10
1
100
Reverse Voltage, V (V)
0.1
1
10
10
Fig.6 - Cob/Cib ― VCB/VEB
20
Cob
Cib
f=1MHz
IE=0/IC=0
Ta=25°C
100
400
0
0
Ambient Temperature, Ta (°C)
50
100
150
Fig.8 - PC ― Ta
75
125
25
300
200
Fig.3 - VCEsat ― IC
Collector Current, Ic (mA)
1
10
100
500
100
500
10
Ta=25°C
Ta=100°C
β=10
0.2
0.6
1.0
1
10
0.1
500
100
0.4
Fig.5 - IC ― VBE
0.8
Ta=25°C
Ta=100°C
Common Emitter
VCE=1V
Base-Emitter Voltage, VBE (V)
10
100
Fig.7 - fT ― IC
Collector Current, Ic (mA)
10
1000
100
Ta=25°C
VCE=6V
Comchip Technology CO., LTD.
General Purpose Transistors
QW-JTR109
REV:B
Page 3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com