Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TK3906LED03-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # TK3906LED03-HF
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TK3906LED03-HF Datasheet(HTML) 3 Page - Comchip Technology

  TK3906LED03-HF Datasheet HTML 1Page - Comchip Technology TK3906LED03-HF Datasheet HTML 2Page - Comchip Technology TK3906LED03-HF Datasheet HTML 3Page - Comchip Technology TK3906LED03-HF Datasheet HTML 4Page - Comchip Technology TK3906LED03-HF Datasheet HTML 5Page - Comchip Technology TK3906LED03-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
General Purpose Transistors
Page 3
QW-JTR28
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Fig.5 - IC — VBE
Base - Emmiter Voltage , VBE (mV)
Fig.3 - VBEsat ─ IC
Collector Current, Ic (mA)
-600
-900
-1200
-300
-300
-600
-1200
-900
-0.1
-1
-10
-100
-200
-0.1
-10
-100 -200
-40
-0.72
-10
100
10
Fig.6 - fT — IC
1000
Collector Current , Ic (mA)
Rating And Characteristic Curves (TK3906LED03-HF)
-1
Fig.4 - VCEsat — IC
Collector Current , Ic (mA)
Ta=100°C
Ta=25°C
ß=10
-0.1
-10
-100 -200
-1
-100
-10
-450uA
VCE=-1V
COMMON EMITTER
-1
-0
-2
-14
-20
-16
-4
-6
-8
-10
-18
-12
-0.0
Fig.1 - Static Characteristic
Collector-Emitter Voltage, VCE (V)
-0.25
-0.50
-0.75
-1.00
-1.25
-1.50
1000
10
100
-0.1
Collector Current , Ic (mA)
-1
Fig.2 - hFE — IC
-10
-100 -200
-1.75
-95uA
-85.5uA
-76uA
-66.5uA
-57uA
-47.5uA
-38uA
-28.5uA
-19uA
IB=-9.5uA
Ta=25°C
COMMON EMITTER
-22
Ta=25°C
Ta=100°C
COMMON EMITTER
VCE = -1V
Ta=25°C
Ta=100°C
-1000
ß=10
VCE
=20V
Ta=25°C
COMMON EMITTER



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com