Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S2C-S/H6R Datasheet(PDF) 2 Page - ABB

Part # S2C-S/H6R
Description  S2C-S/H6R - Signal / Auxiliary Contact
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

S2C-S/H6R Datasheet(HTML) 2 Page - ABB

  S2C-S/H6R Datasheet HTML 1Page - ABB S2C-S/H6R Datasheet HTML 2Page - ABB S2C-S/H6R Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Length
0.043 kg
Product Net Weight
Container Information
1 piece
Package Level 1 Units
20 mm
Package Level 1 Width
115 mm
Package Level 1 Height
104 mm
Package Level 1 Depth /
Length
0.045 kg
Package Level 1 Gross
Weight
4016779678872
Package Level 1 EAN
60 piece
Package Level 2 Units
275 mm
Package Level 2 Width
210 mm
Package Level 2 Height
395 mm
Package Level 2 Depth /
Length
3.4 kg
Package Level 2 Gross
Weight
4016779946209
Package Level 2 EAN
Environmental
Following EU Directive 2011/65/EU
RoHS Status
Additional Information
Signal / Auxiliary Contact
Function
0,5 W
Power Loss
S2C
Product Main Type
Signal / Auxiliary Contact
Product Name
0335
RoHS Date
CSA 22.2 No. 235
GB14048.5
IEC/EN 60947-5-1
UL 1077
Standards
S200
S200M
S200P
S200S
SN201L
SN201
SN201M
F200
DS201
DS202C
DS200
S-ARC1
DS-ARC1
Suitable For
Miniature Circuit Breaker
Residual Current Device
Suitable for Product Class
2
S2C-S/H6R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com