Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2CSS200911R0005 Datasheet(PDF) 2 Page - ABB

Part # 2CSS200911R0005
Description  SD202/63 Switch Disconnector 2P, 63A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSS200911R0005 Datasheet(HTML) 2 Page - ABB

  2CSS200911R0005 Datasheet HTML 1Page - ABB 2CSS200911R0005 Datasheet HTML 2Page - ABB 2CSS200911R0005 Datasheet HTML 3Page - ABB 2CSS200911R0005 Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
92 mm
Package Level 1 Width
80 mm
Package Level 1 Height
183 mm
Package Level 1 Depth /
Length
0.9 kg
Package Level 1 Gross
Weight
4016779904650
Package Level 1 EAN
60 piece
Package Level 2 Units
275 mm
Package Level 2 Width
210 mm
Package Level 2 Height
395 mm
Package Level 2 Depth /
Length
11.2 kg
Package Level 2 Gross
Weight
4016779905138
Package Level 2 EAN
Environmental
Operation -25 ... +55 °C
Storage -40 ... +70 °C
Ambient Air
Temperature
5g, 20 cycles at 5 ... 150 ... 5 Hz with load 0.8 In
Resistance to Vibrations
acc. to IEC 60068-2-6
25g / 2 shocks / 13 ms
Resistance to Shock acc.
to IEC 60068-2-27
Following EU Directive 2011/65/EU
RoHS Status
Additional Information
Toggle
Actuator Type
Busbar 10 / 10 mm²
Flexible 0.75 ... 16 mm²
Rigid 0.75 ... 25 mm²
Stranded 0.75 ... 25 mm²
Connecting Capacity
IP20
Degree of Protection
Insulation Group I, RAL 7035
Housing Material
Any
Mounting Position
2
Number of Poles
Maximum 462 V AC
Maximum 131 V DC
Minimum 12 V AC
Operational Voltage
III
Overvoltage Category
3
Pollution Degree
SD200
Product Main Type
Switch Disconnectors
Product Name
63 A
Rated Current (In)
50 Hz
60 Hz
DC
Rated Frequency (f)
4 kV
(6.2 kV @ sea level)
(5.0 kV @ 2000 m)
Rated Impulse
Withstand Voltage (Uimp
)
440 V AC
125 V DC
Rated Operational
Voltage
Pozidriv 2
Recommended Screw
Driver
IP40 in enclosure with cover
Remarks
20170302
RoHS Date
IEC/EN 60947-3
Standards
Screw Terminals
Terminal Type
2.8 N·m
Tightening Torque
2
SD202/63



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com