Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T248Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # M48T248Y
Description  5.0 or 3.3V, 1024K TIMEKEEPER SRAM with PHANTOM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T248Y Datasheet(HTML) 4 Page - STMicroelectronics

  M48T248Y Datasheet HTML 1Page - STMicroelectronics M48T248Y Datasheet HTML 2Page - STMicroelectronics M48T248Y Datasheet HTML 3Page - STMicroelectronics M48T248Y Datasheet HTML 4Page - STMicroelectronics M48T248Y Datasheet HTML 5Page - STMicroelectronics M48T248Y Datasheet HTML 6Page - STMicroelectronics M48T248Y Datasheet HTML 7Page - STMicroelectronics M48T248Y Datasheet HTML 8Page - STMicroelectronics M48T248Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
M48T248Y, M48T248V
4/24
SUMMARY DESCRIPTION
The M48T248Y/V TIMEKEEPER® RAM is a
128Kbit x 8 non-volatile static RAM and real time
clock organized as 131,072 words by 8 bits. The
special DIP package provides a fully integrated
battery back-up memory and real time clock solu-
tion. In the event of power instability or absence, a
self-contained battery maintains the timekeeping
operation and provides power for a CMOS static
RAM. Control circuitry monitors VCC and invokes
write protection to prevent data corruption in the
memory and RTC.
The clock keeps track of tenths/hundredths of sec-
onds, seconds, minutes, hours, day, date, month,
and year information. The last day of the month is
automatically adjusted for months with less than
31 days, including leap year correction.
The clock operates in one of two formats:
– a 12-hour mode with an AM/PM indicator; or
– a 24-hour mode
The M48T248Y/V is a 32-pin (PM) DIP module
that integrates the RTC, the battery, and SRAM in
one package.
The modules are shipped in plastic, anti-static
tubes (see Table 14, page 22).
Figure 2. Logic Diagram
Table 1. Signal Names
Figure 3. DIP Connections
A0-A16
VSS
DQ0-D7
M48T248Y
M48T248V
VCC
RST
WE
OE
CE
AI04661
A0–A16
Address Input
RST
Reset Input
CE
Chip Enable
OE
Output Enable Input
WE
WRITE Enable Input
DQ0–DQ7
Data Inputs/Outputs
VCC
Supply Voltage Input
VSS
Ground
VCC
CE
M48T248Y
M48T248V
DQ3
DQ4
DQ5
DQ6
DQ7
A0
A1
A2
A3
OE
WE
A16
NC
2
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
32
31
DQ1
DQ2
VSS
DQ0
A10
A11
A9
A8
A13
A15
A14
A12
A4
A6
A5
A7
RST
AI04662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com