Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ABAT46W-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ABAT46W-HF
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABAT46W-HF Datasheet(HTML) 2 Page - Comchip Technology

  ABAT46W-HF Datasheet HTML 1Page - Comchip Technology ABAT46W-HF Datasheet HTML 2Page - Comchip Technology ABAT46W-HF Datasheet HTML 3Page - Comchip Technology ABAT46W-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Schottky Diodes
Typical Rating and Characteristic Curves (ABAT46W-HF)
Fig.3 - Capacitance Characteristics
0
20
0
20
Reverse Voltage, VR (V)
10
10
15
5
Fig.1 - Forward Characteristics
0
100
10
1000
100
800
500 600
Reverse Voltage, VR (V)
20
0.1
1
80
60
Fig.2 - Reverse Characteristics
Forward Voltage, VF (mV)
100
1
10
500
100
40
Comchip Technology CO., LTD.
Page 2
REV:A
TA=25°C
f=1MHz
AQW-JA016
200 300 400
700
TA=125°C
TA=75°C
TA=25°C
TA=25°C
TA=75°C
TA=125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com