Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACMS18P06V8-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACMS18P06V8-HF
Description  MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACMS18P06V8-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACMS18P06V8-HF Datasheet HTML 1Page - Comchip Technology ACMS18P06V8-HF Datasheet HTML 2Page - Comchip Technology ACMS18P06V8-HF Datasheet HTML 3Page - Comchip Technology ACMS18P06V8-HF Datasheet HTML 4Page - Comchip Technology ACMS18P06V8-HF Datasheet HTML 5Page - Comchip Technology ACMS18P06V8-HF Datasheet HTML 6Page - Comchip Technology ACMS18P06V8-HF Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Comchip Technology CO., LTD.
Page 2
REV:A
MOSFET
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Parameter
Conditions
Drain-source breakdown voltage
VGS = 0V, ID = 250µA
BVDSS
Zero gate voltage drain current
VDS = -60V, VGS = 0V
IDSS
RDS(on)
Drain-source on-resistance (Note 3)
VGS = -10V, ID = -7A
Min
Max
Typ
Unit
µA
mΩ
V
V
= V , ID = -250µA
DS
GS
Gate threshold voltage
VGS(th)
Gate-body leakage current
VGS = ±20V, VDS = 0V
IGSS
nA
Static Characteristics
On Characteristics
Dynamic Characteristics
Source-Drain Diode Characteristics
ISD = -1A, VGS = 0V
V
V
-60
-1
±100
50
-3
-1
-1.2
Diode forward voltage (Note 3)
VSD
Reverse transfer capacitance
Input capacitance
Coss
Crss
Output capacitance
Ciss
pF
VGS = 0V, VDS = -30V, f = 1MHz
1902
104
83
Total gate charge
Gate to drain (miller) charge
Gate to source charge
Qg
Qgs
Qgd
nC
VDD = -30V, ID = -5A , VGS = -10V
37
5.5
6
Turn-on delay time (Note 5)
Turn-off delay time (Note 5)
Turn-on rise time
(Note 5)
Turn-off fall time
(Note 5)
td(on)
tr
td(off)
tf
ns
VDD = -30V, VGS = -10V, RG = 3Ω
ID = -5A
4.3
6.3
46.7
25.3
Switching Characteristics
RDS(on)
mΩ
70
VGS = -4.5V, ID = -7A
ns
ISD = -5A, VGS = 0V, dI/dt = 100A/µs
Reverse recovery time
trr
nC
17
Reverse recovery change
Qrr
28
Notes:
3. The data tested by pulsed, pulse width ≤ 300µs, duty cycle ≤ 2%.
4. The EAS data shows max. rating. The test condition is VDD=-30V, VGS=-10V, L=0.5mH.
1. The data tested by surface mounted on a 1 inch² FR-4 board with 2OZ copper.
Gate resistance
RG
VGS = 0V, f = 1MHz
10
Ω
32
40
-1.5
-0.7
5. Guaranteed by design, not subject to production.
AQW-JTR137
2. The data tested by surface mounted on a minimum recommended FR-4 board.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com