Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMN3061SW-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3061SW-13
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3061SW-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3061SW-13 Datasheet HTML 1Page - Diodes Incorporated DMN3061SW-13 Datasheet HTML 2Page - Diodes Incorporated DMN3061SW-13 Datasheet HTML 3Page - Diodes Incorporated DMN3061SW-13 Datasheet HTML 4Page - Diodes Incorporated DMN3061SW-13 Datasheet HTML 5Page - Diodes Incorporated DMN3061SW-13 Datasheet HTML 6Page - Diodes Incorporated DMN3061SW-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN3061SW
Document number: DS41989 Rev. 2 - 2
2 of 7
www.diodes.com
April 2020
© Diodes Incorporated
DMN3061SW
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
2.7
2.2
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
22
A
Maximum Body Diode Forward Current (Note 5)
IS
0.67
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
0.49
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RϴJA
254
°C/W
Total Power Dissipation (Note 6)
PD
0.65
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RϴJA
191
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
—
—
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
@TC = +25°C
IDSS
—
—
1.0
µA
VDS = 24V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
0.5
—
1.8
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
41
60
m
Ω
VGS = 10V, ID = 3.1A
—
48
100
VGS = 4.5V, ID = 2A
—
56
200
VGS = 3.3V, ID = 1.5A
Diode Forward Voltage
VSD
—
0.7
1
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
278
—
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
44
—
pF
Reverse Transfer Capacitance
Crss
—
29
—
pF
Gate Resistance
Rg
—
4.2
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
Qg
—
3.5
—
nC
VDS = 15V, VGS = 4.5V, ID = 3A
Gate-Source Charge
Qgs
—
0.1
—
nC
Gate-Drain Charge
Qgd
—
1.3
—
nC
Turn-On Delay Time
tD(ON)
—
5.7
—
ns
VGS = 10V, VDS = 15V,
RG = 3Ω, RL = 1.7Ω
Turn-On Rise Time
tR
—
97
—
ns
Turn-Off Delay Time
tD(OFF)
—
12.6
—
ns
Turn-Off Fall Time
tF
—
51
—
ns
Notes:
5. Device mounted on FR-4 substrate PC board, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com