Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMNH15H110SK3 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMNH15H110SK3
Description  150V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH15H110SK3 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMNH15H110SK3 Datasheet HTML 1Page - Diodes Incorporated DMNH15H110SK3 Datasheet HTML 2Page - Diodes Incorporated DMNH15H110SK3 Datasheet HTML 3Page - Diodes Incorporated DMNH15H110SK3 Datasheet HTML 4Page - Diodes Incorporated DMNH15H110SK3 Datasheet HTML 5Page - Diodes Incorporated DMNH15H110SK3 Datasheet HTML 6Page - Diodes Incorporated DMNH15H110SK3 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMNH15H110SK3
Document number: DS40912 Rev. 3 - 2
2 of 7
www.diodes.com
January 2021
© Diodes Incorporated
DMNH15H110SK3
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
150
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 7) VGS = 10V
TC = +25°C
TC = +100°C
ID
18
12
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
72
A
Maximum Continuous Body Diode Forward Current (Note 7)
IS
18
A
Pulsed Body Diode Forward Current (10
μs Pulse, Duty Cycle = 1%)
ISM
72
A
Avalanche Current, L = 3mH
IAS
9
A
Avalanche Energy, L = 3mH
EAS
121.5
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
2.0
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RJA
74
°C/W
Total Power Dissipation (Note 6)
PD
3.6
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RJA
42
°C/W
Total Power Dissipation (Note 7)
PD
88
W
Thermal Resistance, Junction to Case (Note 7)
RJC
1.7
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
150
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
1
μA
VDS = 120V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(TH)
2
4
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
70
97
m
Ω
VGS = 10V, ID = 2A
78
110
VGS = 6V, ID = 2A
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 2A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
987
pF
VDS = 75V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
63
pF
Reverse Transfer Capacitance
Crss
34
pF
Gate Resistance
Rg
1.3
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 10V)
Qg
25.5
nC
VDS = 75V, ID = 4A
Total Gate Charge (VGS = 6V)
Qg
17.8
nC
Gate-Source Charge
Qgs
4
nC
Gate-Drain Charge
Qgd
10
nC
Turn-On Delay Time
tD(ON)
18.1
ns
VDD = 75V, VGS = 10V,
Rg = 24Ω, ID = 4A
Turn-On Rise Time
tR
46
ns
Turn-Off Delay Time
tD(OFF)
76.1
ns
Turn-Off Fall Time
tF
58.7
ns
Reverse Recovery Time
tRR
41.6
ns
IF = 4A, di/dt = 100A/μs
Reverse Recovery Charge
QRR
65.6
nC
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
7. Thermal resistance from junction to soldering point (on the exposed drain pad).
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com