Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T39Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # M48T39Y
Description  256 Kb 32K x8 TIMEKEEPER SRAM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T39Y Datasheet(HTML) 3 Page - STMicroelectronics

  M48T39Y Datasheet HTML 1Page - STMicroelectronics M48T39Y Datasheet HTML 2Page - STMicroelectronics M48T39Y Datasheet HTML 3Page - STMicroelectronics M48T39Y Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
M48T39Y
Table 3. PMDIP32 - 32 pin Plastic Module DIP, Package Mechanical Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
9.27
9.52
0.3650
0.3748
A1
0.38
–
0.0150
–
B
0.43
0.59
0.0169
0.0232
C
0.20
0.33
0.0079
0.0130
D
42.42
43.18
1.6701
1.7000
E
18.03
18.80
0.7098
0.7402
e1
2.29
2.79
0.0902
0.1098
e3
34.29
41.91
1.3500
1.6500
eA
14.99
16.00
0.5902
0.6299
L
3.05
3.81
0.1201
0.1500
S
1.91
2.79
0.0752
0.1098
N32
32
Figure 3. PMDIP32 - 32 pin Plastic Module DIP, Package Outline
Drawing is not to scale.
PMDIP
A1
A
L
Be1
D
E
N
1
eA
e3
S
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com