Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACMS100P04D-HF Datasheet(PDF) 6 Page - Comchip Technology

Part # ACMS100P04D-HF
Description  MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACMS100P04D-HF Datasheet(HTML) 6 Page - Comchip Technology

  ACMS100P04D-HF Datasheet HTML 1Page - Comchip Technology ACMS100P04D-HF Datasheet HTML 2Page - Comchip Technology ACMS100P04D-HF Datasheet HTML 3Page - Comchip Technology ACMS100P04D-HF Datasheet HTML 4Page - Comchip Technology ACMS100P04D-HF Datasheet HTML 5Page - Comchip Technology ACMS100P04D-HF Datasheet HTML 6Page - Comchip Technology ACMS100P04D-HF Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Comchip Technology CO., LTD.
Page 6
REV:A
MOSFET
Trailer
Device
Leader
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
200mm (min)
160mm (min)
SYMBOL
(mm)
(inch)
E
F
P
P0
P1
T
W
W1
TO-252
SYMBOL
(mm)
(inch)
A
B
C
d
D
D1
D2
6.90 ± 0.10
13.00 ± 0.20
10.50 ± 0.10
2.70 ± 0.10
1.50 + 0.25
− 0.00
330.00 ± 1.00
0.272 ± 0.004
0.413 ± 0.004
0.106 ± 0.004
0.059 + 0.010
− 0.000
12.992 ± 0.039
0.512 ± 0.008
0.069 ± 0.004
0.295 ± 0.004
0.315 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.012 ± 0.002
0.630 + 0.012
− 0.008
1.75 ± 0.10
7.50 ± 0.10
8.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
0.30 ± 0.05
16.00 + 0.30
− 0.20
21.00 ± 0.30
3.937 ± 0.039
100.00 ± 1.00
0.827 ± 0.012
TO-252
Reel Taping Specification
D
D1
D2
W1
E
F
P
P0
P1
T
W
A
B
C
d
AQW-JTR127



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com