Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T94MH6TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # M41T94MH6TR
Description  512 Bit 64 bit x8 SERIAL RTC SPI SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94MH6TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M41T94MH6TR Datasheet HTML 21Page - STMicroelectronics M41T94MH6TR Datasheet HTML 22Page - STMicroelectronics M41T94MH6TR Datasheet HTML 23Page - STMicroelectronics M41T94MH6TR Datasheet HTML 24Page - STMicroelectronics M41T94MH6TR Datasheet HTML 25Page - STMicroelectronics M41T94MH6TR Datasheet HTML 26Page - STMicroelectronics M41T94MH6TR Datasheet HTML 27Page - STMicroelectronics M41T94MH6TR Datasheet HTML 28Page - STMicroelectronics M41T94MH6TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
25/31
M41T94
PACKAGE MECHANICAL INFORMATION
Figure 20. SO16 – 16-lead Plastic Small Outline Package Outline
Note: Drawing is not to scale.
Table 16. SO16 – 16-lead Plastic Small Outline Package Mechanical Data
Symbol
millimeters
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
–
–
1.75
–
–
0.069
A1
–
0.10
0.25
–
0.004
0.010
A2
–
–
1.60
–
–
0.063
B
–
0.35
0.46
–
0.014
0.018
C
–
0.19
0.25
–
0.007
0.010
D
–
9.80
10.00
–
0.386
0.394
E
–
3.80
4.00
–
0.150
0.158
e
1.27
–
–
0.050
–
–
H
–
5.80
6.20
–
0.228
0.244
L
–
0.40
1.27
–
0.016
0.050
a
–
0°
8°
–
0°
8°
N16
16
CP
–
–
0.10
–
–
0.004
SO-b
E
N
CP
B
e
A2
D
C
L
A1
α
H
A
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com