Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMTH8008LFG-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMTH8008LFG-7
Description  80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH8008LFG-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMTH8008LFG-7 Datasheet HTML 1Page - Diodes Incorporated DMTH8008LFG-7 Datasheet HTML 2Page - Diodes Incorporated DMTH8008LFG-7 Datasheet HTML 3Page - Diodes Incorporated DMTH8008LFG-7 Datasheet HTML 4Page - Diodes Incorporated DMTH8008LFG-7 Datasheet HTML 5Page - Diodes Incorporated DMTH8008LFG-7 Datasheet HTML 6Page - Diodes Incorporated DMTH8008LFG-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMTH8008LFG
Document number: DS41439 Rev. 2 - 2
2 of 7
www.diodes.com
April 2020
© Diodes Incorporated
DMTH8008LFG
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
80
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 7) VGS = 10V
TC = +25°C
TC = +100°C
ID
70
49
A
Continuous Drain Current (Note 6) VGS = 10V
TA = +25°C
TA = +100°C
ID
17
12
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
17
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
280
A
Pulsed Body Diode Forward Current (10
μs Pulse, Duty Cycle = 1%)
ISM
280
A
Avalanche Current, L = 1mH (Note 8)
IAS
18
A
Avalanche Energy, L = 1mH (Note 8)
EAS
162
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.2
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RJA
124
°C/W
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.8
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RJA
53
°C/W
Total Power Dissipation (Note 7)
TC = +25°C
PD
50
W
Thermal Resistance, Junction to Case (Note 7)
RJC
3
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
80
—
—
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
—
—
1
μA
VDS = 64V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(TH)
1.2
—
2.5
V
VDS = VGS, ID = 1mA
Static Drain-Source On-Resistance
RDS(ON)
—
5.3
6.9
m
Ω
VGS = 10V, ID = 20A
—
7.9
10.4
VGS = 4.5V, ID = 10A
Diode Forward Voltage
VSD
—
0.8
1.2
V
VGS = 0V, IS = 20A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
—
2254
—
pF
VDS = 40V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
745
—
Reverse Transfer Capacitance
Crss
—
31
—
Gate Resistance
Rg
—
1.98
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
18.3
—
nC
VDS = 40V, ID = 14A
Total Gate Charge (VGS = 10V)
Qg
—
37.7
—
Gate-Source Charge
Qgs
—
5.3
—
Gate-Drain Charge
Qgd
—
7.8
—
Turn-On Delay Time
tD(ON)
—
6.9
—
ns
VDD = 40V, VGS = 10V,
ID = 14A, RG = 6Ω
Turn-On Rise Time
tR
—
12
—
Turn-Off Delay Time
tD(OFF)
—
37
—
Turn-Off Fall Time
tF
—
21
—
Body Diode Reverse Recovery Time
tRR
—
42
—
ns
IS = 14A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
—
53
—
nC
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
7. Thermal resistance from junction to soldering point (on the exposed drain pad).
8. IAS and EAS ratings are based on low frequency and duty cycles to keep TJ = +25°C.
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com