Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48Z2M1Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48Z2M1Y
Description  16 Mb 2Mb x 8 ZEROPOWER SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z2M1Y Datasheet(HTML) 1 Page - STMicroelectronics

  M48Z2M1Y Datasheet HTML 1Page - STMicroelectronics M48Z2M1Y Datasheet HTML 2Page - STMicroelectronics M48Z2M1Y Datasheet HTML 3Page - STMicroelectronics M48Z2M1Y Datasheet HTML 4Page - STMicroelectronics M48Z2M1Y Datasheet HTML 5Page - STMicroelectronics M48Z2M1Y Datasheet HTML 6Page - STMicroelectronics M48Z2M1Y Datasheet HTML 7Page - STMicroelectronics M48Z2M1Y Datasheet HTML 8Page - STMicroelectronics M48Z2M1Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M48Z2M1
M48Z2M1Y
16 Mb (2Mb x 8) ZEROPOWER
® SRAM
January 1998
1/12
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
INTEGRATED LOW POWER SRAM,
POWER-FAIL CONTROL CIRCUIT and
BATTERIES
CONVENTIONAL SRAM OPERATION;
UNLIMITED WRITE CYCLES
10 YEARS of DATA RETENTION in the
ABSENCE of POWER
AUTOMATIC POWER-FAIL CHIP DESELECT
and WRITE PROTECTION
WRITE PROTECT VOLTAGES
(VPFD = Power-fail Deselect Voltage):
– M48Z2M1: 4.5V
≤ VPFD ≤ 4.75V
– M48Z2M1Y: 4.2V
≤ VPFD ≤ 4.50V
BATTERIES ARE INTERNALLY ISOLATED
UNTIL POWER IS APPLIED
PIN and FUNCTION COMPATIBLE with
JEDEC STANDARD 2Mb x 8 SRAMs
DESCRIPTION
The M48Z2M1/2M1Y ZEROPOWER® RAM is a
non-volatile 16,777,216 bit Static RAM organized
as 2,097,152 words by 8 bits. The device combines
two internal lithium batteries, CMOS SRAMs and a
control circuit in a plastic 36 pin DIP long Module.
The ZEROPOWER RAM replaces industry stand-
ard SRAMs. It provides the nonvolatility of PROMs
without any requirement for special write timing or
limitations on the number of writes that can be
performed.
AI02048
21
A0-A20
W
DQ0-DQ7
VCC
M48Z2M1
M48Z2M1Y
G
VSS
8
E
Figure 1. Logic Diagram
A0-A20
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
36
1
PMLDIP36 (PL)
Module


Similar Part No. - M48Z2M1Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y Datasheet
307Kb / 17P
5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
Mar-2005
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y Datasheet
327Kb / 20P
5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER® SRAM
02-Aug-2010
M48Z2M1Y-701 STMICROELECTRONICS-M48Z2M1Y-701 Datasheet
307Kb / 17P
5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
Mar-2005
M48Z2M1Y-70G STMICROELECTRONICS-M48Z2M1Y-70G Datasheet
307Kb / 17P
5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
Mar-2005
M48Z2M1Y-70PL1 STMICROELECTRONICS-M48Z2M1Y-70PL1 Datasheet
327Kb / 20P
5 V or 3.3 V, 16 Mbit (2 Mb x 8) ZEROPOWER® SRAM
02-Aug-2010
More results

Similar Description - M48Z2M1Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
16 Kbit 2Kb x 8 ZEROPOWER SRAM
May-1999
M48Z09 STMICROELECTRONICS-M48Z09 Datasheet
122Kb / 13P
CMOS 8K x 8 ZEROPOWER SRAM
Nov-1994
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
CMOS 32K x 8 ZEROPOWER SRAM
Jul-1994
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
CMOS 8K x 8 ZEROPOWER SRAM
Feb-1991
M48Z02 STMICROELECTRONICS-M48Z02_07 Datasheet
178Kb / 20P
5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
02-Nov-2007
M48Z2M1Y STMICROELECTRONICS-M48Z2M1Y Datasheet
307Kb / 17P
5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER SRAM
Mar-2005
M48Z32V STMICROELECTRONICS-M48Z32V_07 Datasheet
181Kb / 19P
3.3V, 256Kbit (32Kbit x 8) ZEROPOWER SRAM
02-Nov-2007
M48Z35 STMICROELECTRONICS-M48Z35_07 Datasheet
218Kb / 23P
256Kbit (32Kbit x 8) ZEROPOWER SRAM
02-Nov-2007
M48Z58 STMICROELECTRONICS-M48Z58_07 Datasheet
218Kb / 23P
5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
06-Nov-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com