Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48Z30 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48Z30
Description  CMOS 32K x 8 ZEROPOWER SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z30 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48Z30 Datasheet HTML 4Page - STMicroelectronics M48Z30 Datasheet HTML 5Page - STMicroelectronics M48Z30 Datasheet HTML 6Page - STMicroelectronics M48Z30 Datasheet HTML 7Page - STMicroelectronics M48Z30 Datasheet HTML 8Page - STMicroelectronics M48Z30 Datasheet HTML 9Page - STMicroelectronics M48Z30 Datasheet HTML 10Page - STMicroelectronics M48Z30 Datasheet HTML 11Page - STMicroelectronics M48Z30 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PMDIP28 - 28 pin Plastic DIP Module
PMDIP
A1
A
L
Be1
D
E
N
1
eA
e3
S
C
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
9.27
9.52
0.365
0.375
A1
0.38
–
0.015
–
B
0.43
0.59
0.017
0.023
C
0.20
0.33
0.008
0.013
D
37.34
38.10
1.470
1.500
E
18.03
18.80
0.710
0.740
e1
2.29
2.79
0.090
0.110
e3
29.72
36.32
1.170
1.430
eA
14.99
16.00
0.590
0.630
L
3.05
3.81
0.120
0.150
S
1.91
2.79
0.075
0.110
N28
28
PMDIP28
Drawing is not to scale
11/12
M48Z30, M48Z30Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com