Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFU3704ZPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRFU3704ZPBF
Description  HEXFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU3704ZPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRFU3704ZPBF Datasheet HTML 4Page - International Rectifier IRFU3704ZPBF Datasheet HTML 5Page - International Rectifier IRFU3704ZPBF Datasheet HTML 6Page - International Rectifier IRFU3704ZPBF Datasheet HTML 7Page - International Rectifier IRFU3704ZPBF Datasheet HTML 8Page - International Rectifier IRFU3704ZPBF Datasheet HTML 9Page - International Rectifier IRFU3704ZPBF Datasheet HTML 10Page - International Rectifier IRFU3704ZPBF Datasheet HTML 11Page - International Rectifier IRFU3704ZPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IRFR/U3704ZPbF
10
www.irf.com
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
ASSEMBLY
EXAMPLE:
WITH ASSEMBLY
THIS IS AN IRF U120
YEAR 9 = 1999
DAT E CODE
LINE A
WEEK 19
IN THE ASSEMBLY LINE "A"
ASSEMBLED ON WW 19, 1999
LOT CODE 5678
PART NUMBER
56
IRFU120
INT ERNAT IONAL
LOGO
RECT IFIER
LOT CODE
919A
78
Note: "P" in as s embly line
position indicates "Lead-Free"
OR
56
78
AS SEMBLY
LOT CODE
RECTIFIER
LOGO
INT ERNAT IONAL
IRFU120
PART NUMBER
WEEK 19
DATE CODE
YEAR 9 = 1999
A = ASS EMBLY SIT E CODE
P = DES IGNAT ES LEAD-FREE
PRODUCT (OPTIONAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com