Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JLM2904WH-CD1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # JLM2904WH-CD1
Description  Low power dual operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JLM2904WH-CD1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button JLM2904WH-CD1 Datasheet HTML 3Page - STMicroelectronics JLM2904WH-CD1 Datasheet HTML 4Page - STMicroelectronics JLM2904WH-CD1 Datasheet HTML 5Page - STMicroelectronics JLM2904WH-CD1 Datasheet HTML 6Page - STMicroelectronics JLM2904WH-CD1 Datasheet HTML 7Page - STMicroelectronics JLM2904WH-CD1 Datasheet HTML 8Page - STMicroelectronics JLM2904WH-CD1 Datasheet HTML 9Page - STMicroelectronics JLM2904WH-CD1 Datasheet HTML 10Page - STMicroelectronics JLM2904WH-CD1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LM2904WH
Electrical characteristics
7/12
Figure 9.
Output characteristics
Figure 10. Current limiting
OUTPUT SINK CURRENT (
μ A)
0,001
0,01
0,1
1
10
100
VCC = +5V
VCC = +15V
VCC = +30V
-
IO
VO
Tamb =+25°C
vcc/2
vcc
+
10
1
0.1
0.01
-
+
IO
TEMPERATURE (°C)
90
80
70
60
50
40
30
20
10
0
-55 -35 -15
5
25
45 65
85 105 125
Figure 11. Voltage follower pulse response
Figure 12. Input voltage range
0
1
2
3
4
5
6
7
8
Input
Tamb = +25°C
VCC = 30 V
Output
eO
el
50pF
+
-
TIME (ms)
500
450
400
350
300
250
0
5
10
15
POWER SUPPLY VOLTAGE (±V)
Négative
Positive
15
10
5
Figure 13. Voltage gain
Figure 14. Gain bandwidth product
01020
30
40
POSITIVE SUPPLY VOLTAGE (V)
160
120
80
40
L
R = 20k
Ω
L
R= 2k
Ω
-55-35-15 5 25 45 65 85 105 125
TEMPERATURE (°C)
CC
V
=
15V
1.5
1.35
1.2
1.05
0.9
0.75
0.6
0.45
0.3
0.15
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com