Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMS80N06DA-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CMS80N06DA-HF
Description  MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CMS80N06DA-HF Datasheet(HTML) 4 Page - Comchip Technology

  CMS80N06DA-HF Datasheet HTML 1Page - Comchip Technology CMS80N06DA-HF Datasheet HTML 2Page - Comchip Technology CMS80N06DA-HF Datasheet HTML 3Page - Comchip Technology CMS80N06DA-HF Datasheet HTML 4Page - Comchip Technology CMS80N06DA-HF Datasheet HTML 5Page - Comchip Technology CMS80N06DA-HF Datasheet HTML 6Page - Comchip Technology CMS80N06DA-HF Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Fig.9 - Forward Transfer Admittance
vs Drain Current
Drain Current, ID (A)
0.001
0.1
1
100
10
1
0.1
0.01
0.01
100
10
MOSFET
Comchip Technology CO., LTD.
REV:A
Page 4
Fig.8 - Threshold Voltage
vs Junction Temperature
Junction Temperature, TJ (°C)
-75 -50 -25
0
25 50 75 100 125 150 175
0.6
0.8
1.0
1.2
1.4
Fig.7 - Capacitance vs Drain-to-Source
Voltage
Drain-Source Voltage, VDS (V)
0
100
0.4
10
10000
30
10
Fig.10 - Gate Charge Characteristics
Total Gate Charge, Qg (nC)
0
0
2
4
8
6
10
Junction Temperature, TJ (°C)
Fig.12 - Maximum Drain Current vs
Junction Temperature
25
50
75
100
125
150
175
20
0
15
5
10
Drain-Source Voltage, VDS (V)
Fig.11 - Maximum Safe Operating Area
0.1
1
100
0.01
10
1
0.1
0.01
100
10
20
10
5
15
20
30
Ciss
Crss
Coss
ID=1mA
ID=250µA
VDS=30V
ID=20A
VGS=10V
RθJA=35°C/W
QW-JTR251
Typical Rating and Characteristic Curves (CMS80N06DA-HF)
1000
Ta=25°C
Pulsed
VDS=10V
VDS=5V
RDSON
Limited
TA=25°C, TJ=150°C
VGS=10V, RθJA=35°C/W
Single pulse
100ms
10ms
1ms
100µs
DC
10s
1s
25
35



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com