Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PISOS510DFGTSP Datasheet(PDF) 9 Page - Texas Instruments

Part # PISOS510DFGTSP
Description  ISOS510-SP Radiation Hardened, Current-Driven Analog Isolator With Transistor Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PISOS510DFGTSP Datasheet(HTML) 9 Page - Texas Instruments

Back Button PISOS510DFGTSP Datasheet HTML 5Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 6Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 7Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 8Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 9Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 10Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 11Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 12Page - Texas Instruments PISOS510DFGTSP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
6 Parameter Measurement Information
1
2
4
3
I
F
I
C
V
CE
Figure 6-1. ISOS510-SP Test Circuit for CTR
1
2
4
3
I
F
R
L
V
CE
V
CC
I
C
C
L
Figure 6-2. ISOS510-SP Test Circuit for Switching Timing
tON
tOFF
IF
VCE
5ns
50%
5ns
10%
90%
90%
10%
50%
tf
tr
ts
Figure 6-3. ISOS510-SP Switching Timing Waveforms
1
2
4
3
I
F
R
L
V
CE
V
CC
I
C
C
L
C
IN
R
IN
V
IN
Figure 6-4. ISOS510-SP Test Circuit for Bandwidth
www.ti.com
ISOS510-SP
SLVSJM3 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ISOS510-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com