Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PBA2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PBA2
Description  Programmable Gain and Bias Amplifier Low noise I/V amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PBA2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PBA2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PBA2 Datasheet HTML 2Page - List of Unclassifed Manufacturers PBA2 Datasheet HTML 3Page - List of Unclassifed Manufacturers PBA2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PBA2 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Datasheet
PBA2
- 3 -
Programmable Gain and Bias Amplifier
Connectors
Input
BNC, Isolated
Output
BNC isolated
Power Supply
LEMO Series 0S, 3-pin fixed Socket
Pin 1 :
- 15 V
Pin 2 :
GND
Pin 3 :
+ 15 V
Control Port
Sub-D 15-pin, female, Quality Class 2
Pin 1 :
Potentiometer Low
F
Pin 2 :
Potentiometer Hight
R
Pin 3 :
Incrementation Input 1
G
Pin 4 :
Incrementation Input 2
H
Pin 5 :
Up / Down
D
Pin 6 :
Selection Gain C
C
Pin 7 :
Selection Gain B
B
Pin 8 :
Selection Gain A
A
Pin 9 :
+ 5 V
Pin 10 :
Bias 2 Sens +/-
Pin 11 :
Bias 1 Sens +/-
Pin 12 :
NC
Pin 13 :
NC
Pin 14 :
NC
Pin 15 :
GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com