Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361 Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST72361_07 Datasheet HTML 85Page - STMicroelectronics ST72361_07 Datasheet HTML 86Page - STMicroelectronics ST72361_07 Datasheet HTML 87Page - STMicroelectronics ST72361_07 Datasheet HTML 88Page - STMicroelectronics ST72361_07 Datasheet HTML 89Page - STMicroelectronics ST72361_07 Datasheet HTML 90Page - STMicroelectronics ST72361_07 Datasheet HTML 91Page - STMicroelectronics ST72361_07 Datasheet HTML 92Page - STMicroelectronics ST72361_07 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 224 page
background image
ST72361
89/224
16-BIT TIMER (Cont’d)
Table 19. 16-Bit Timer Register Map
Address
(Hex.)
Register
Name
7
6
5
4
3
2
1
0
51
CR2
OC1E
OC2E
OPM
PWM
CC1
CC0
IEDG2
EXEDG
52
CR1
ICIE
OCIE
TOIE
FOLV2
FOLV1
OLVL2
IEDG1
OLVL1
53
CSR
ICF1
OCF1
TOF
ICF2
OCF2
TIMD
54
IC1HR
MSB
LSB
55
IC1LR
MSB
LSB
56
OC1HR
MSB
LSB
57
OC1LR
MSB
LSB
58
CHR
MSB
LSB
59
CLR
MSB
LSB
5A
ACHR
MSB
LSB
5B
ACLR
MSB
LSB
5C
IC2HR
MSB
LSB
5D
IC2LR
MSB
LSB
5E
OC2HR
MSB
LSB
5F
OC2LR
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com