Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361 Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST72361_07 Datasheet HTML 177Page - STMicroelectronics ST72361_07 Datasheet HTML 178Page - STMicroelectronics ST72361_07 Datasheet HTML 179Page - STMicroelectronics ST72361_07 Datasheet HTML 180Page - STMicroelectronics ST72361_07 Datasheet HTML 181Page - STMicroelectronics ST72361_07 Datasheet HTML 182Page - STMicroelectronics ST72361_07 Datasheet HTML 183Page - STMicroelectronics ST72361_07 Datasheet HTML 184Page - STMicroelectronics ST72361_07 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 224 page
background image
ST72361
181/224
12.3.2 Operating Conditions with Low Voltage Detector (LVD)
Subject to general operating conditions for TA.
Notes:
1. Data based on characterization results, not tested in production.
12.3.3 Auxiliary Voltage Detector (AVD) Thresholds
Subject to general operating conditions for TA.
1. Data based on characterization results, not tested in production.
Figure 98. LVD Startup Behavior
Note: When the LVD is enabled, the MCU reaches its authorized operating voltage from a reset state.
However, in some devices, the reset signal may be undefined until VDD is approximately 2V. As a conse-
quence, the I/Os may toggle when VDD is below this voltage.
Because Flash write access is impossible below this voltage, the Flash memory contents will not be cor-
rupted.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold (VDD rise)
4.01)
4.2
4.5
V
VIT-(LVD)
Reset generation threshold (VDD fall)
3.8
4.0
4.251)
Vhys(LVD)
LVD voltage threshold hysteresis1)
VIT+(LVD)-VIT-(LVD)
150
200
250
mV
VtPOR
VDD rise time rate
1)
6
µs/V
100
ms/V
tg(VDD)
VDD glitches filtered (not detected) by
LVD1)
Measured at VIT-(LVD)
40
ns
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(AVD)
1
⇒0 AVDF flag toggle threshold
(VDD rise)
4.41)
4.6
4.9
V
VIT-(AVD)
0
⇒1 AVDF flag toggle threshold
(VDD fall)
4.2
4.4
4.651)
Vhys(AVD)
AVD voltage threshold hysteresis
VIT+(AVD)-VIT-(AVD)
250
mV
∆VIT-
Voltage drop between AVD flag set
and LVD reset activated
VIT-(AVD)-VIT-(LVD)
450
5V
2V
VIT+
LVD RESET
V D
D
t
Reset state
in this area
not defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com