Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361 Datasheet(PDF) 199 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 199 Page - STMicroelectronics

Back Button ST72361_07 Datasheet HTML 195Page - STMicroelectronics ST72361_07 Datasheet HTML 196Page - STMicroelectronics ST72361_07 Datasheet HTML 197Page - STMicroelectronics ST72361_07 Datasheet HTML 198Page - STMicroelectronics ST72361_07 Datasheet HTML 199Page - STMicroelectronics ST72361_07 Datasheet HTML 200Page - STMicroelectronics ST72361_07 Datasheet HTML 201Page - STMicroelectronics ST72361_07 Datasheet HTML 202Page - STMicroelectronics ST72361_07 Datasheet HTML 203Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 224 page
background image
ST72361
199/224
CONTROL PIN CHARACTERISTICS (Cont’d)
Figure 112. RESET Pin Protection When LVD Is Enabled1)2)
Figure 113. RESET Pin Protection When LVD Is Disabled1)
Note 1:
1.1 The reset network protects the device against parasitic resets.
1.2 The output of the external reset circuit must have an open-drain output to drive the ST7 reset pad. Otherwise the
device can be damaged when the ST7 generates an internal reset (LVD or watchdog).
1.3 Whatever the reset source is (internal or external), the user must ensure that the level on the RESET pin can go below
the VIL max. level specified in Section 12.10.1. Otherwise the reset will not be taken into account internally.
1.4 Because the reset circuit is designed to allow the internal RESET to be output in the RESET pin, the user must ensure
that the current sunk on the RESET pin (by an external pull-up for example) is less than the absolute maximum value
specified for IINJ(RESET) in Section 12.2.2 on page 179.
Note 2:
2.1 When the LVD is enabled, it is mandatory not to connect a pull-up resistor. A 10nF pull-down capacitor is recommend-
ed to filter noise on the reset line.
2.2. In case a capacitive power supply is used, it is recommended to connect a1MW pull-down resistor to the RESET pin
to discharge any residual voltage induced by this capacitive power supply (this will add 5µA to the power consumption of
the MCU).
2.3. Tips when using the LVD:
– 1. Check that all recommendations related to reset circuit have been applied (see notes above)
– 2. Check that the power supply is properly decoupled (100nF + 10µF close to the MCU). Refer to AN1709. If this
cannot be done, it is recommended to put a 100nF + 1MW pull-down on the RESET pin.
– 3. The capacitors connected on the RESET pin and also the power supply are key to avoiding any start-up margin-
ality. In most cases, steps 1 and 2 above are sufficient for a robust solution. Otherwise: Replace 10nF pull-down on
the RESET pin with a 5µF to 20µF capacitor.
0.01
µF
ST72XXX
PULSE
GENERATOR
Filter
RON
VDD
WATCHDOG
LVD RESET
INTERNAL
RESET
RESET
EXTERNAL
Recommended
1M
Ω
Optional
(note 2.2)
0.01
µF
EXTERNAL
RESET
CIRCUIT
USER
VDD
4.7k
Ω
Required
ST72XXX
PULSE
GENERATOR
Filter
RON
VDD
WATCHDOG
INTERNAL
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com