Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72361 Datasheet(PDF) 207 Page - STMicroelectronics

Part # ST72361
Description  8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361 Datasheet(HTML) 207 Page - STMicroelectronics

Back Button ST72361_07 Datasheet HTML 203Page - STMicroelectronics ST72361_07 Datasheet HTML 204Page - STMicroelectronics ST72361_07 Datasheet HTML 205Page - STMicroelectronics ST72361_07 Datasheet HTML 206Page - STMicroelectronics ST72361_07 Datasheet HTML 207Page - STMicroelectronics ST72361_07 Datasheet HTML 208Page - STMicroelectronics ST72361_07 Datasheet HTML 209Page - STMicroelectronics ST72361_07 Datasheet HTML 210Page - STMicroelectronics ST72361_07 Datasheet HTML 211Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 224 page
background image
ST72361
207/224
ADC CHARACTERISTICS (Cont’d)
ADC Accuracy with fCPU = 8 MHz, fADC = 4 MHz RAIN < 10kΩ, VDD = 5V
Figure 123. ADC Accuracy Characteristics
Notes:
1. Data based on characterization results, not tested in production. ADC Accuracy vs. Negative Injection Current: Inject-
ing negative current on any of the standard (non-robust) analog input pins should be avoided as this significantly reduces
the accuracy of the conversion being performed on another analog input. It is recommended to add a Schottky diode (pin
to ground) to standard analog pins which may potentially inject negative current. The effect of negative injection current
on robust pins is specified in Section 12.9.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 12.9 does not affect the ADC
accuracy.
Symbol
Parameter
Conditions
Typ
Max
Unit
|ET|
Total unadjusted error1)
3.2
5
LSB
|EO|
Offset error1)
1
4
|EG|
Gain Error1)
0.7
|ED|
Differential linearity error1)
1.5
2.3
|EL|
Integral linearity error1)
1.2
3.6
EO
EG
1LSBIDEAL
1LSB
IDEAL
V
DDA
V
SSA
–
1024
-----------------------------------------
=
Vin (LSBIDEAL)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
ET=Total Unadjusted Error: maximum deviation
between the actual and the ideal transfer curves.
EO=Offset Error: deviation between the first actual
transition and the first ideal one.
EG=Gain Error: deviation between the last ideal
transition and the last actual one.
ED=Differential Linearity Error: maximum deviation
between actual steps and the ideal one.
EL=Integral Linearity Error: maximum deviation
between any actual transition and the end point
correlation line.
Digital Result ADCDR
1023
1022
1021
5
4
3
2
1
0
7
6
1
2345
67
1021 1022 1023 1024
(1)
(2)
ET
ED
EL
(3)
VDDA
VSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com