Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8345-B01B-R0F2-DB1B1B-5A Datasheet(PDF) 4 Page - E-T-A Elektrotechnische Apparate GmbH.

Part # 8345-B01B-R0F2-DB1B1B-5A
Description  Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-T-A [E-T-A Elektrotechnische Apparate GmbH.]
Direct Link  https://www.e-t-a.com/
Logo E-T-A - E-T-A Elektrotechnische Apparate GmbH.

8345-B01B-R0F2-DB1B1B-5A Datasheet(HTML) 4 Page - E-T-A Elektrotechnische Apparate GmbH.

  8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 1Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 2Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 3Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 4Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 5Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 6Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 7Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 8Page - E-T-A Elektrotechnische Apparate GmbH. 8345-B01B-R0F2-DB1B1B-5A Datasheet HTML 9Page - E-T-A Elektrotechnische Apparate GmbH.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-...
www.e-t-a.de
2527
4
1
multipole
1-pole protected
hydraulic-magnetically
1-pole
protected magnetically
line 1
11(C)
2 (load)
I >
14(NO)
12(NC)
line 1
2 (load)
I >
11(C)
14(NO)
12(NC)
unit 2
unit 1
11(C)
14(NO)
12(NC)
line 1
2 (load)
2 (load)
line 1
I >
I >
11(C)
14(NO)
12(NC)
unit 3
unit 4
Shown with optional auxiliary contact module
Internal connection diagrams
Terminal design / Dimensions
49.2
LOAD
LINE
blade terminal A6.3-0.8
(QC .250) DIN 46244
1.94
P - with blade terminals
U/V stud terminals
with auxiliary contacts
NO
NC
C
7.5
7.5
LOAD
LINE
.295
.295
17.5
16.6
.689
.653
NC NO
C
R - round connectors
D = 6 mm
1.94
49.2
LOAD
LINE
6.3+0.1
plug-in hole
W - laminated round terminals
.248+.004
cylindrical terminal area
auxiliary contact
module (change over)
tightening torque:
10-32 UNF. M5 max. 2 Nm
1/4-20 UNC. M6 max. 3 Nm
49.2
LOAD
LINE
ø6.3
1.94
ø.248
This is a metric design and millimeter dimensions take precedence (mm )
inch
All dimensions without tolerances are for reference only. In the interest of improved
design, performance and cost effectiveness the right to make changes in these
specifications without notice is reserved. Product markings may not be exactly as the
ordering codes. Errors and omissions excepted.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com