Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB2136PM Datasheet(PDF) 27 Page - Texas Instruments

Part # TUSB2136PM
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136PM Datasheet(HTML) 27 Page - Texas Instruments

Back Button TUSB2136PM Datasheet HTML 23Page - Texas Instruments TUSB2136PM Datasheet HTML 24Page - Texas Instruments TUSB2136PM Datasheet HTML 25Page - Texas Instruments TUSB2136PM Datasheet HTML 26Page - Texas Instruments TUSB2136PM Datasheet HTML 27Page - Texas Instruments TUSB2136PM Datasheet HTML 28Page - Texas Instruments TUSB2136PM Datasheet HTML 29Page - Texas Instruments TUSB2136PM Datasheet HTML 30Page - Texas Instruments TUSB2136PM Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
2−14
2.6.2
USBSTA: USB Status Register
All bits in this register are set by the hardware and are cleared by the MCU when writing a 1 to the proper bit location
(writing a 0 has no effect). In addition, each bit can generate an interrupt if its corresponding mask bit is set (R/C
notation indicates read and clear only by the MCU).
7
6
5
4
3
210
RSTR
SUSR
RESR
PWOFF
PWON
SETUP
RSV
STPOW
R/C
R/C
R/C
R/C
R/C
R/C
R/O
R/C
BIT
NAME
RESET
FUNCTION
0
STPOW
0
SETUP overwrite bit. Set by hardware when a setup packet is received while there is already a packet in the
setup buffer.
STPOW = 0
The MCU can clear this bit by writing a 1. (Writing a 0 has no effect.)
STPOW = 1
SETUP overwrite
1
RSV
0
Reserved = 0
2
SETUP
0
SETUP transaction received bit.
As long as SETUP is 1, IN and OUT on endpoint-0 are NAK regardless of the value of their real NAK bits.
SETUP = 0
The MCU can clear this bit by writing a 1. (Writing a 0 has no effect.)
SETUP = 1
SETUP transaction received.
3
PWON
0
Power on request for port 3.
This bit indicates if power-on to port 3 has been received. This bit generates a PWON interrupt (if enabled).
PWON = 0
The MCU can clear this bit by writing a 1. (Writing a 0 has no effect.)
PWON = 1
Power on to port 3 has been received.
4
PWOFF
0
Power off request for port 3. This bit indicates whether power-off to port 3 has been received. This bit
generates a PWOFF interrupt (if enabled).
PWOFF = 0
The MCU can clear this bit by writing a 1. (Writing a 0 has no effect.)
PWOFF = 1
Power off to port 3 has been received.
5
RESR
0
Function resume request bit
5
RESR
0
RESR = 0
The MCU can clear this bit by writing a 1. (Writing a 0 has no effect.)
RESR = 1
Function resume is detected.
6
SUSR
0
Function suspended request bit. This bit is set in response to a global or selective suspend condition.
6
SUSR
0
SUSR = 0
The MCU can clear this bit by writing a 1. (Writing a 0 has no effect.)
SUSR = 1
Function suspend is detected.
7
RSTR
0
Function reset request bit. This bit is set in response to the host initiating a port reset. This bit is not affected
by a USB function reset.
RSTR = 0
The MCU can clear this bit by writing a 1. (Writing a 0 has no effect.)
RSTR = 1
Function reset is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com