Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS-555T Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # JS-555T
Description  Tweezer Set - 6 Pieces Black Epoxy
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

JS-555T Datasheet(HTML) 1 Page - Premier Farnell Limited.

  JS-555T Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
09/01/19
Tweezer Set – 6 Pieces Black Epoxy
Features
• Tweezers are made up of Non-Magnetic Stainless Steel 202 with black Epoxy Powder coated
• Tweezer set consists of 2A , 3C , OO , 7, SS & 4 models
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
DURATOOL is the registered trademark of the Group. © Premier Farnell Limited 2016.
Part Number Table
Description
Part Number
Tweezer Set, 6 Pieces, Non-Magnetic Stainless Steel
202, Black Epoxy Powder Coated
JS-555T


Similar Part No. - JS-555T

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
JS-5 HONEYWELL-ACC-JS-5 Datasheet
335Kb / 7P
Interactive Catalog Replaces Catalog Pages
JS-5 HONEYWELL-ACC-JS-5 Datasheet
375Kb / 7P
Basic Switches Subminiature
logo
Honeywell Solid State E...
JS-5 HONEYWELL-JS-5 Datasheet
231Kb / 7P
Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
JS-5 HONEYWELL-ACC-JS-5 Datasheet
231Kb / 7P
Interactive Catalog Replaces Catalog Pages
JS-5 HONEYWELL-ACC-JS-5 Datasheet
231Kb / 7P
Interactive Catalog Replaces Catalog Pages
More results

Similar Description - JS-555T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VH148 ETC1-VH148 Datasheet
261Kb / 2P
6 Amp Epoxy Bridge Rectifiers
18811 ETC2-18811 Datasheet
29Kb / 1P
Accu-Tek Pattern 72 Tweezer
logo
New Jersey Semi-Conduct...
VH247 NJSEMI-VH247 Datasheet
93Kb / 1P
6 Amp Epoxy Bridge Rectifiers
logo
PHOENIX CONTACT
1205480 PHOENIX-1205480 Datasheet
86Kb / 3P
ASD 6 SET 120V
1202072 PHOENIX-1202072 Datasheet
78Kb / 5P
Tool set - CRIMPSET 6
09/11/2020
logo
SparkFun Electronics
TOL-14817 SPARKFUN-TOL-14817 Datasheet
203Kb / 1P
Standard PCB Drill Set (10 Pieces)
8-6-18
TOL-14818 SPARKFUN-TOL-14818 Datasheet
210Kb / 1P
Variety PCB Drill Set (10 Pieces)
8-6-18
logo
IDEAL-TEK SA
K5HP.SA.DC IDEAL-TEK-K5HP.SA.DC Datasheet
563Kb / 2P
Diamond Coated Tweezer Kit
logo
FIBOX Enclosing innovat...
8612262 FIBOX-8612262 Datasheet
42Kb / 1P
6" Mounting Flange Set
18.07.2023
logo
T-Global Technology
TG-LH-FBPE-80-3 TGLOBAL-TG-LH-FBPE-80-3 Datasheet
581Kb / 1P
Flexible Black Potting Epoxy
20200501
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com