Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1S03 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST1S03
Description  1.5 A, 1.5 MHz adjustable, step-down switching regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S03 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST1S03_08 Datasheet HTML 8Page - STMicroelectronics ST1S03_08 Datasheet HTML 9Page - STMicroelectronics ST1S03_08 Datasheet HTML 10Page - STMicroelectronics ST1S03_08 Datasheet HTML 11Page - STMicroelectronics ST1S03_08 Datasheet HTML 12Page - STMicroelectronics ST1S03_08 Datasheet HTML 13Page - STMicroelectronics ST1S03_08 Datasheet HTML 14Page - STMicroelectronics ST1S03_08 Datasheet HTML 15Page - STMicroelectronics ST1S03_08 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ST1S03
Revision history
15/16
9
Revision history
Table 6.
Document revision history
Date
Revision
Changes
11-Nov-2004
1
First Release.
08-Feb-2005
2
Maturity Change.
03-Mar-2005
3
Mistake on Figure 1, TJ is changed 125 ==> 150°C on Table 3.
13-Jul-2005
4
Add new package SO-8 exposed pad.
29-Mar-2007
5
Package SO-8 removed.
07-Mar-2008
6
Removed: package mechanical data DFN6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com