Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNQ830-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNQ830-E
Description  QUAD CHANNEL HIGH SIDE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ830-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNQ830-E Datasheet HTML 9Page - STMicroelectronics VNQ830-E Datasheet HTML 10Page - STMicroelectronics VNQ830-E Datasheet HTML 11Page - STMicroelectronics VNQ830-E Datasheet HTML 12Page - STMicroelectronics VNQ830-E Datasheet HTML 13Page - STMicroelectronics VNQ830-E Datasheet HTML 14Page - STMicroelectronics VNQ830-E Datasheet HTML 15Page - STMicroelectronics VNQ830-E Datasheet HTML 16Page - STMicroelectronics VNQ830-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13/21
VNQ830-E
Figure 16. Overvoltage Shutdown
Figure 17. Turn-on Voltage Slope
Figure 18. On State Resistance Vs Tcase
Figure 19. ILIM Vs Tcase
Figure 20. Turn-off Voltage Slope
Figure 21. On State Resistance Vs VCC
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
30
32
34
36
38
40
42
44
46
48
50
Vov (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (ºC)
0
100
200
300
400
500
600
700
800
dVout/dt(on) (V/ms)
Vcc=13V
Rl=6.5Ohm
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
20
40
60
80
100
120
140
160
Ron (mOhm)
Iout=2A
Vcc=8V; 13V & 36V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
2
4
6
8
10
12
14
16
18
20
Ilim (A)
Vcc=13V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
200
250
300
350
400
450
500
550
600
dVout/dt(off) (V/ms)
Ri=6.5Ohm
Vcc=13V
5
1015
2025
3035
40
Vcc (V)
0
10
20
30
40
50
60
70
80
90
100
110
120
Ron (mOhm)
Iout=2A
Tc= - 40°C
Tc=25°C
Tc=150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com