Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC2091 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC2091
Description  SSMC Male Open Circuit Connector Cap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC2091 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC2091 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC2091 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
REV 1.2 Page 1 of 2
Copyright © 2020
Mechanical Specifications
Configuration
Connector
SSMC Male Non-Shorting
.
Hex Size
5/32 In.
.
Description
Material
Plating
Body
Brass
Gold
Coupling Nut
Brass
Gold
Size
Length
0.292 in [7.42 mm]
Width
0.157 in [3.99 mm]
.
Weight
0.0041 lbs [1.86 g]
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SSMC Male Open Circuit Connector Cap from Fairview Microwave is in-stock and
available to ship same-day. All of our RF/microwave products are available off-
the-shelf from our ISO 9001:2008 certified facilities in Lewisville, Texas. Fairview
Microwave is RF on-demand.
For additional information on this product, please click the following link: SSMC
Male Open Circuit Connector Cap SC2091
URL: https://www.fairviewmicrowave.com/ssmc-male-open-circuit-connector-
cap-sc2091-p.aspx
SC2091
DATA SHEET
SSMC Male Open Circuit Connector Cap
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com


Similar Part No. - SC2091

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SC2092 TRSYS-SC2092 Datasheet
507Kb / 4P
SILICON CONTROLLED RECTIFIERS
SC2092-400-15 TRSYS-SC2092-400-15 Datasheet
507Kb / 4P
SILICON CONTROLLED RECTIFIERS
SC2092-600-15 TRSYS-SC2092-600-15 Datasheet
507Kb / 4P
SILICON CONTROLLED RECTIFIERS
More results

Similar Description - SC2091

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD798-7-9 VITESSE-SD798-7-9 Datasheet
63Kb / 1P
CAP, MALE, C
logo
Winchester Electronics ...
SD798-7-9 WINCHESTER-SD798-7-9 Datasheet
63Kb / 1P
CAP, MALE, C
logo
Pasternack Enterprises,...
PE5500-1 PASTERNACK-PE5500-1 Datasheet
81Kb / 1P
3.5mm MALE, OPEN CIRCUIT
logo
Rosenberger Hochfrequen...
51S12L-000S3 ROSENBERGER-51S12L-000S3 Datasheet
126Kb / 3P
Open Circuit
119K12L-000D3 ROSENBERGER-119K12L-000D3 Datasheet
585Kb / 3P
Open Circuit
119S12L-000D3 ROSENBERGER-119S12L-000D3 Datasheet
583Kb / 3P
Open Circuit
08K12L-000S3 ROSENBERGER-08K12L-000S3 Datasheet
90Kb / 3P
Open Circuit
09K12L-000S3 ROSENBERGER-09K12L-000S3 Datasheet
88Kb / 3P
Open Circuit
02K12L-000S3 ROSENBERGER-02K12L-000S3 Datasheet
542Kb / 3P
Open Circuit
02S12L-000S3 ROSENBERGER-02S12L-000S3 Datasheet
547Kb / 3P
Open Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com