Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM261...ZNC Datasheet(PDF) 75 Page - Texas Instruments

Part # AM261...ZNC
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZNC Datasheet(HTML) 75 Page - Texas Instruments

Back Button AM261...ZNC Datasheet HTML 71Page - Texas Instruments AM261...ZNC Datasheet HTML 72Page - Texas Instruments AM261...ZNC Datasheet HTML 73Page - Texas Instruments AM261...ZNC Datasheet HTML 74Page - Texas Instruments AM261...ZNC Datasheet HTML 75Page - Texas Instruments AM261...ZNC Datasheet HTML 76Page - Texas Instruments AM261...ZNC Datasheet HTML 77Page - Texas Instruments AM261...ZNC Datasheet HTML 78Page - Texas Instruments AM261...ZNC Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 218 page
background image
Table 5-47. PRU-ICSS IEP Signal Descriptions (continued)
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
PR0_IEP0_EDC_SYNC_OU
T1
O
PRU-ICSS Industrial Ethernet
Distributed Clock Sync Output
A16, F17,
N17
A19, J19, T19
C16, E15,
M15
T18
PR0_IEP0_EDIO_DATA_IN_
OUT30
IO
PRU-ICSS Industrial Ethernet Digital
I/O Data Input/Output
D13, D17, P2 B17, E19, U2
C14, P3
T1
PR0_IEP0_EDIO_DATA_IN_
OUT31
IO
PRU-ICSS Industrial Ethernet Digital
I/O Data Input/Output
C15, C18
C19, E20
B17
PR1_IEP0_EDC_SYNC_OU
T0
O
PRU-ICSS Industrial Ethernet
Distributed Clock Sync Output
B14, U18
A16, Y19
D13, R16
B15, W18
PR1_IEP0_EDC_SYNC_OU
T1
O
PRU-ICSS Industrial Ethernet
Distributed Clock Sync Output
B15, N17
A18, T19
B16, M15
A17, T18
PR1_IEP0_EDIO_DATA_IN_
OUT30
IO
PRU-ICSS Industrial Ethernet Digital
I/O Data Input/Output
C12, N18
C14, U20
C12, L15
A14, R18
PR1_IEP0_EDIO_DATA_IN_
OUT31
IO
PRU-ICSS Industrial Ethernet Digital
I/O Data Input/Output
A14, T18
B16, W19
C13, N14
A15, V18
Table 5-48. PRU-ICSS MDIO Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
PR0_MDIO0_MDC
O
PRU-ICSS MDIO Clock
L18
R20
K16
P19
PR0_MDIO0_MDIO
IO
PRU-ICSS MDIO Data
L17
R19
K15
N17
PR1_MDIO0_MDC
O
PRU-ICSS MDIO Clock
A4, C13
A17, A6
A14
A16
PR1_MDIO0_MDIO
IO
PRU-ICSS MDIO Data
B15, B6
A18, B7
B16
A17
Table 5-49. PRU-ICSS UART Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
PR0_UART0_CTSn
I
PRU-ICSS UART Clear to Send
(Active Low)
F17
J19
E15
PR0_UART0_RTSn
O
PRU-ICSS UART Request to Send
(Active Low)
G18
J20
E16
J18
PR0_UART0_RXD
I
PRU-ICSS UART Receive Data
C18
E20
PR0_UART0_TXD
O
PRU-ICSS UART Transmit Data
D17
E19
PR1_UART0_CTSn
I
PRU-ICSS UART Clear to Send
(Active Low)
B16
B19
C15
PR1_UART0_RTSn
O
PRU-ICSS UART Request to Send
(Active Low)
D14
C16
A15
PR1_UART0_RXD
I
PRU-ICSS UART Receive Data
A16
A19
C16
PR1_UART0_TXD
O
PRU-ICSS UART Transmit Data
D13
B17
C14
5.3.19 SDFM
Table 5-50. SDFM0 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
SDFM0_CLK0
I
SDFM Channel 0 Clock
B16
B19
C15
SDFM0_CLK1
I
SDFM Channel 1 Clock
A16
A19
C16
SDFM0_CLK2
I
SDFM Channel 2 Clock
B15
A18
B16
A17
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com