Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM261...ZCZQ1 Datasheet(PDF) 43 Page - Texas Instruments

Part # AM261...ZCZQ1
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZQ1 Datasheet(HTML) 43 Page - Texas Instruments

Back Button AM261...ZCZQ1 Datasheet HTML 39Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 40Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 41Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 42Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 43Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 44Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 45Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 46Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
T16
Y16
T14
W15
GPIO72
GPIO72_CFG_REG
0x5310 0120
0x0000 05F7
PR1_PRU1_GPIO1
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
MII1_RX_ER
2
I
UART4_CTSn
3
I
GPMC0_AD1
6
IO
GPIO72
7
IO
P15
W17
T15
W16
GPIO73
GPIO73_CFG_REG
0x5310 0124
0x0000 05F7
PR1_PRU1_GPIO2
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
MII1_COL
2
I
UART5_TXD
3
O
GPMC0_AD2
6
IO
GPIO73
7
IO
ADC_EXTCH_XBAROUT4
9
O
R16
Y17
R15
V16
GPIO74
GPIO74_CFG_REG
0x5310 0128
0x0000 05F7
PR1_PRU1_GPIO9
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
MII1_CRS
2
I
UART5_RXD
3
I
GPMC0_AD9
6
IO
GPIO74
7
IO
ADC_EXTCH_XBAROUT5
9
O
L3
T3
M1
L2
GPIO75
GPIO75_CFG_REG
0x5310 012C
0x0000 05F7
UART1_RXD
0
I
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
OSPI0_LBCLKO
1
O
LIN1_RXD
4
IO
OSPI1_LBCLKO
5
O
GPMC0_CLK
6
IO
GPIO75
7
IO
M3
R4
L1
M1
GPIO76
GPIO76_CFG_REG
0x5310 0130
0x0000 05F7
UART1_TXD
0
O
Off / Off / Off
Off / Off / Off
Mode7
1.8V/3.3V
Yes
LVCMOS
PU/PD
OSPI0_DQS
1
I
OSPI0_D4
2
IO
LIN1_TXD
4
IO
GPIO76
7
IO
B6
B7
GPIO77
GPIO77_CFG_REG
0x5310 0134
0x0000 05F7
MMC0_CLK
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
UART0_RXD
1
I
LIN0_RXD
2
IO
MCAN0_RX
3
I
PR1_MDIO0_MDIO
4
IO
GPIO77
7
IO
SDFM1_CLK0
8
I
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com