Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM261...ZCZQ1 Datasheet(PDF) 105 Page - Texas Instruments

Part # AM261...ZCZQ1
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZQ1 Datasheet(HTML) 105 Page - Texas Instruments

Back Button AM261...ZCZQ1 Datasheet HTML 101Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 102Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 103Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 104Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 105Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 106Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 107Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 108Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 218 page
background image
6.11.2.2 Power-Down Sequencing
Power-Down Sequencing describes the device power-down sequencing. The order of AM261x 1.8V, 1.2V/1.25V,
and 3.3V does not matter.
VDD, VDDARn (1.2V/1.25V)
1.2V/1.25V Power Good
Output (PG_1V2)
VDDS33, VDDA33 (3.3V)
3.3V Power Good
Output (PG_3V3)
PORz
VDD, VDDARn (1.8V)
1.8V Power Good
Output (PG_1V8)
Figure 6-3. Power-Down Sequencing
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
105
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com