Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM261...ZCZQ1 Datasheet(PDF) 126 Page - Texas Instruments

Part # AM261...ZCZQ1
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZCZQ1 Datasheet(HTML) 126 Page - Texas Instruments

Back Button AM261...ZCZQ1 Datasheet HTML 122Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 123Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 124Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 125Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 126Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 127Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 128Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 129Page - Texas Instruments AM261...ZCZQ1 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 218 page
background image
6.11.5.7.3 GPMC/NOR Flash Switching Characteristics - Synchronous Mode 100MHz
(18) (19) (20)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
F0
tc(clk)
Clock period, GPMC0_CLK,
GPMC0_FCLK_MUX
10(21)
ns
F1
tw(clk)
Typical pulse duration, GPMC0_CLK high or
low
0.475P(16) –
0.3(21)
ns
F2
td(clkH-csnV)
Delay time, GPMC0_CLK rising edge to
GPMC0_CSn[x](15) transition
F(6) – 2.2(21)
F(6)+3.75
ns
F3
td(clkH-csnIV)
Delay time, GPMC0_CLK rising edge to
GPMC0_CSn[x](15) invalid
E(5) – 2.2
E(5)+3.18
ns
F4
td(aV-clk)
Delay time, GPMC0_A[27:1] valid to
GPMC0_CLK first edge
B(2) – 2.3(21)
B(2) + 4.5
ns
F5
td(clkH-aIV)
Delay time, GPMC0_CLK rising edge to
GPMC0_A[27:1] invalid
–2.3(21)
4.5
ns
F6
td(be[x]nV-clk)
Delay time, GPMC0_BE0n_CLE,
GPMC0_BE1n valid to GPMC0_CLK first
edge
B(2) – 2.3(21)
B(2) + 1.9
ns
F7
td(clkH-be[x]nIV)
Delay time, GPMC0_CLK rising edge
to GPMC0_BE0n_CLE, GPMC0_BE1n
invalid(12)
D(4) – 2.3(21)
D(4) + 1.9
ns
F7
td(clkL-be[x]nIV)
Delay time, GPMC0_CLK falling edge
to GPMC0_BE0n_CLE, GPMC0_BE1n
invalid(13)
D(4) – 2.3(21)
D(4) + 1.9
ns
F7
td(clkL-be[x]nIV)
Delay time, GPMC0_CLK falling edge
to GPMC0_BE0n_CLE, GPMC0_BE1n
invalid(14)
D(4) – 2.3(21)
D(4) + 1.9
ns
F8
td(clkH-advn)
Delay time, GPMC0_CLK rising edge to
GPMC0_ADVn_ALE transition
G(7) (8) –
2.3(21)
G(7) (8) + 4.5
ns
F9
td(clkH-advnIV)
Delay time, GPMC0_CLK rising edge to
GPMC0_ADVn_ALE invalid
D(4) – 2.3(21)
D(4) + 4.5
ns
F10
td(clkH-oen)
Delay time, GPMC0_CLK rising edge to
GPMC0_OEn_REn transition
H(9) – 2.3(21)
H(9) + 3.5
ns
F11
td(clkH-oenIV)
Delay time, GPMC0_CLK rising edge to
GPMC0_OEn_REn invalid
H(9) – 2.3(21)
H(9) + 3.5
ns
F14
td(clkH-wen)
Delay time, GPMC0_CLK rising edge to
GPMC0_WEn transition
I(10) – 2.3(21)
I(10) + 4.5
ns
F15
td(clkH-do)
Delay time, GPMC0_CLK rising edge to
GPMC0_AD[31:0] transition(12)
J(11) – 2.3(21)
J(11) + 2.7
ns
F15
td(clkL-do)
Delay time, GPMC0_CLK falling edge to
GPMC0_AD[31:0] data bus transition(13)
J(11) – 2.3(21)
J(11) + 2.7
ns
F15
td(clkL-do)
Delay time, GPMC0_CLK falling edge to
GPMC0_AD[31:0] data bus transition(14)
J(11) – 2.3(21)
J(11) + 2.7
ns
F17
td(clkH-be[x]n)
Delay time, GPMC0_CLK rising edge to
GPMC0_BE0n_CLE transition(12)
J(11) – 2.3(21)
J(11) + 1.9
ns
F17
td(clkL-be[x]n)
Delay time, GPMC0_CLK falling edge
to GPMC0_BE0n_CLE, GPMC0_BE1n
transition(13)
J(11) – 2.3(21)
J(11) + 1.9
ns
F17
td(clkL-be[x]n)
Delay time, GPMC0_CLK falling edge
to GPMC0_BE0n_CLE, GPMC0_BE1n
transition(14)
J(11) – 2.3(21)
J(11) + 1.9
ns
F18
tw(csnV)
Pulse duration, GPMC0_CSn[x](15) low
Read
A(1)
ns
Write
A(1)
ns
F19
tw(be[x]nV)
Pulse duration, GPMC0_BE0n_CLE,
GPMC0_BE1n low
Read
C(3)
ns
Write
C(3)
ns
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
126
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com