Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRA752ABC Datasheet(PDF) 115 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 115 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 111Page - Texas Instruments DRA752ABC Datasheet HTML 112Page - Texas Instruments DRA752ABC Datasheet HTML 113Page - Texas Instruments DRA752ABC Datasheet HTML 114Page - Texas Instruments DRA752ABC Datasheet HTML 115Page - Texas Instruments DRA752ABC Datasheet HTML 116Page - Texas Instruments DRA752ABC Datasheet HTML 117Page - Texas Instruments DRA752ABC Datasheet HTML 118Page - Texas Instruments DRA752ABC Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 443 page
background image
115
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-12. UART Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
uart9_rxd
UART9 Receive Data
I
G1/ AA3/ E25
uart9_txd
UART9 Transmit Data
O
G6/ AB9/ C27
uart9_ctsn
UART9 clear to send active low
I
F2 / AB3
uart9_rtsn
UART9 request to send active low
O
F3/ AA4
Universal Asynchronous Receiver/Transmitter (UART10)
uart10_rxd
UART10 Receive Data
I
D1/ E21/ AC8/ D27
uart10_txd
UART10 Transmit Data
O
E2/ F20/ AD6/ C28
uart10_ctsn
UART10 clear to send active low
I
D2 / AB8
uart10_rtsn
UART10 request to send active low
O
F4 / AB5
4.4.10 Multichannel Serial Peripheral Interface (McSPI)
CAUTION
The I/O timings provided in Section 7, Timing Requirements and Switching
Characteristics are applicable for all combinations of signals for SPI1 and SPI2.
However, the timings are valid only for SPI3 and SPI4 if signals within a single
IOSET are used. The IOSETS are defined in the Table 7-45.
NOTE
For more information, see the Serial Communication Interface / Multichannel Serial
Peripheral Interface (McSPI) section of the device TRM.
Table 4-13. SPI Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Serial Peripheral Interface 1
spi1_sclk(1)
SPI1 Clock
IO
A25
spi1_d1
SPI1 Data. Can be configured as either MISO or MOSI.
IO
F16
spi1_d0
SPI1 Data. Can be configured as either MISO or MOSI.
IO
B25
spi1_cs0
SPI1 Chip Select
IO
A24
spi1_cs1
SPI1 Chip Select
IO
A22
spi1_cs2
SPI1 Chip Select
IO
B21
spi1_cs3
SPI1 Chip Select
IO
B20
Serial Peripheral Interface 2
spi2_sclk(1)
SPI2 Clock
IO
A26
spi2_d1
SPI2 Data. Can be configured as either MISO or MOSI.
IO
B22
spi2_d0
SPI2 Data. Can be configured as either MISO or MOSI.
IO
G17
spi2_cs0
SPI2 Chip Select
IO
B24
spi2_cs1
SPI2 Chip Select
IO
A22
spi2_cs2
SPI2 Chip Select
IO
B21
spi2_cs3
SPI2 Chip Select
IO
B20
Serial Peripheral Interface 3
spi3_sclk(1)
SPI3 Clock
IO
AD9/ V2/ B12/ E11/
AC4/ C18
spi3_d1
SPI3 Data. Can be configured as either MISO or MOSI.
IO
AF9/ Y1/ B10/ A11/
A21/ AC7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com