Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DRA752ABC Datasheet(PDF) 116 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 116 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 112Page - Texas Instruments DRA752ABC Datasheet HTML 113Page - Texas Instruments DRA752ABC Datasheet HTML 114Page - Texas Instruments DRA752ABC Datasheet HTML 115Page - Texas Instruments DRA752ABC Datasheet HTML 116Page - Texas Instruments DRA752ABC Datasheet HTML 117Page - Texas Instruments DRA752ABC Datasheet HTML 118Page - Texas Instruments DRA752ABC Datasheet HTML 119Page - Texas Instruments DRA752ABC Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 443 page
background image
116
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-13. SPI Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
spi3_d0
SPI3 Data. Can be configured as either MISO or MOSI.
IO
AE9/ W9/ C11/ B13/
AC6/ G16
spi3_cs0
SPI3 Chip Select
IO
AF8/ V9/ D11/ A12/
AC9/ D17
spi3_cs1
SPI3 Chip Select
IO
B11/ AC3/ E14
spi3_cs2
SPI3 Chip Select
IO
F11
spi3_cs3
SPI3 Chip Select
IO
A10
Serial Peripheral Interface 4
spi4_sclk(1)
SPI4 Clock
IO
N7/ G1/ AA3/ V7/
AC8
spi4_d1
SPI4 Data. Can be configured as either MISO or MOSI.
IO
R4/ G6/ AB9/ U7/
AD6
spi4_d0
SPI4 Data. Can be configured as either MISO or MOSI.
IO
N9/ F2/ AB3/ V6/
AB8
spi4_cs0
SPI4 Chip Select
IO
P9/ F3/ AA4/ U6/
AB5
spi4_cs1
SPI4 Chip Select
IO
P4 / Y1
spi4_cs2
SPI4 Chip Select
IO
R3 / W9
spi4_cs3
SPI4 Chip Select
IO
T2 / V9
(1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve
as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the
clock input. Any non-monotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS.
4.4.11 Quad Serial Peripheral Interface (QSPI)
NOTE
For more information see the Serial Communication Interface / Quad Serial Peripheral
Interface section of the device TRM.
Table 4-14. QSPI Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
qspi1_sclk
QSPI1 Serial Clock
O
R2
qspi1_rtclk
QSPI1 Return Clock Input.Must be connected from QSPI1_SCLK on PCB. Refer
to PCB Guidelines for QSPI1
I
R3
qspi1_d0
QSPI1 Data[0]. This pin is output data for all commands/writes and for dual read
and quad read modes it becomes input data pin during read phase.
IO
U1
qspi1_d1
QSPI1 Data[1]. Input read data in all modes
I
P3
qspi1_d2
QSPI1 Data[2]. This pin is used only in quad read mode as input data pin during
read phase
I
U2
qspi1_d3
QSPI1 Data[3]. This pin is used only in quad read mode as input data pin during
read phase
I
T2
qspi1_cs0
QSPI1 Chip Select[0]. This pin is Used for QSPI1 boot modes
O
P2
qspi1_cs1
QSPI1 Chip Select[1]
O
P1
qspi1_cs2
QSPI1 Chip Select[2]
O
T7
qspi1_cs3
QSPI1 Chip Select[3]
O
P6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com