Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RH850/F1KM Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RH850/F1KM
Description  Renesas microcontroller
PDF  422 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850/F1KM Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RH850/F1KM Datasheet HTML 2Page - Renesas Technology Corp RH850/F1KM Datasheet HTML 3Page - Renesas Technology Corp RH850/F1KM Datasheet HTML 4Page - Renesas Technology Corp RH850/F1KM Datasheet HTML 5Page - Renesas Technology Corp RH850/F1KM Datasheet HTML 6Page - Renesas Technology Corp RH850/F1KM Datasheet HTML 7Page - Renesas Technology Corp RH850/F1KM Datasheet HTML 8Page - Renesas Technology Corp RH850/F1KM Datasheet HTML 9Page - Renesas Technology Corp RH850/F1KM Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 422 page
background image
RH850/F1KH, RH850/F1KM
Section 1A Overview of RH850/F1KH-D8
R01DS0442EJ0100
Rev.1.00
Page 6 of 422
Sep 15, 2023
1A.3
RH850/F1KH Product Lineup
Table 1A.2
Product Lineup
F1KH-D8
Memory
Part Name
Local RAM (LRAM)
Global
RAM
(GRAM)
Retention
RAM
(RRAM)
Trace
RAM
Operating Temperature (Ta)
Pin
Count
CPU
Frequency
Code Flash Data Flash CPU1
CPU2
–40°C to +105°C
Package
–40°C to +125°C
Package
176 pins
240 MHz
max.
6 MB
256 KB
160 KB
160 KB
512 KB
64 KB
Not
available
R7F7017083AFP-C
LQFP
-
8 MB
192 KB
192 KB
576 KB
32 KB
R7F7017093AFP-C
LQFP
-
233 pins
240 MHz
max.
6 MB
256 KB
160 KB
160 KB
512 KB
64 KB
Not
available
R7F7017103ABG-C
FPBGA
R7F7017104ABG-C
FPBGA
8 MB
192 KB
192 KB
576 KB
32 KB
R7F7017113ABG-C
FPBGA
R7F7017114ABG-C
FPBGA
324 pins
240 MHz
max.
6 MB
256 KB
160 KB
160 KB
512 KB
64 KB
Not
available
R7F7017143ABG-C
FPBGA
R7F7017144ABG-C
FPBGA
8 MB
192 KB
192 KB
576 KB
32 KB
R7F7017153ABG-C
FPBGA
R7F7017154ABG-C
FPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com