Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L01 Datasheet(PDF) 6 Page - Pycom

Part # L01
Description  the only triple bearer MicroPython enabled micro controller on the market todaythe perfect enterprise grade IoT platform for your connected Things.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

L01 Datasheet(HTML) 6 Page - Pycom

Back Button L01 Datasheet HTML 2Page - Pycom L01 Datasheet HTML 3Page - Pycom L01 Datasheet HTML 4Page - Pycom L01 Datasheet HTML 5Page - Pycom L01 Datasheet HTML 6Page - Pycom L01 Datasheet HTML 7Page - Pycom L01 Datasheet HTML 8Page - Pycom L01 Datasheet HTML 9Page - Pycom L01 Datasheet HTML 10Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
06
6.0
Pin Details
Table 1 – Module pinout
† The pins on the RTC power domain can be used during deep sleep, specifically GPIO pins will maintain their state while in deep sleep.
* ADC2 is currently not supported in the micropython firmware
Module
Pin
ESP32
GPIO
Pin
Name
Default Function
ADC
PWM
RTC†
Notes
45
LoRa antenna
868MHz or 915MHz, 50 Ohm impedance
required
46
Ground
36
LoRa radio interrupt
35
LoRa radio chip select
6.1
Remapping Pins
The ESP32 features comprehensive pin remapping
functionality. This allows peripherals to be mapped
onto almost any available GPIO pins. The above table
merely shows the default assignments. For example, the
default mapping has the SPI and I2C clocks overlapping,
meaning both cannot be used simultaneously without
remapping one to a different pin. For a detailed guide of
what peripheral can be assigned to what pins please read
“Appendix A – ESP32 Pin Lists” of the ESP32 datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com