Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIPY 1.0 Datasheet(PDF) 1 Page - Pycom

Part # SIPY 1.0
Description  the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

SIPY 1.0 Datasheet(HTML) 1 Page - Pycom

  SIPY 1.0 Datasheet HTML 1Page - Pycom SIPY 1.0 Datasheet HTML 2Page - Pycom SIPY 1.0 Datasheet HTML 3Page - Pycom SIPY 1.0 Datasheet HTML 4Page - Pycom SIPY 1.0 Datasheet HTML 5Page - Pycom SIPY 1.0 Datasheet HTML 6Page - Pycom SIPY 1.0 Datasheet HTML 7Page - Pycom SIPY 1.0 Datasheet HTML 8Page - Pycom SIPY 1.0 Datasheet HTML 9Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
01
1.0
Overview
With Sigfox, Wifi and BLE, the SiPy is the only triple
bearer MicroPython enabled micro controller on the
market today – the perfect enterprise grade IoT platform
for your connected Things. With the latest Espressif
chipset the SiPy offers a perfect combination of power,
friendliness and flexibility. Create and connect your things
everywhere. Fast.
2.0
Features
– Powerful CPU, BLE and state of the art WiFi radio. 1KM
Wifi Range
– MicroPython enabled
– Fits in a standard breadboard (with headers)
– Ultra–low power usage: a fraction compared to other
connected micro controllers
– Available with or without pin headers soldered on
Size
55mm x 20mm x 3.5mm
Operating temperature:
–40 to 85 degrees celsius
SIGFOX
transceiver
ESP32 Dual Core
Microcontroller and
WiFi/Bluetooth 4.2 radio
External Sigfox
antenna connector
WS2812 RGB
multi–colour LED
3V3 Ultra–Low–Noise
switching regulator
32Mbit
flash
memory
U.FL connector
Reset switch
RF switch
Internal WiFi
and Bluetooth
Antenna


Similar Part No. - SIPY 1.0

ManufacturerPart #DatasheetDescription
logo
VIGO Photonics S.A.
SIP VIGO-SIP Datasheet
814Kb / 2P
SIP series preamplifiers
18/03/2021
logo
Amkor Technology
SIP AMKOR-SIP Datasheet
2Mb / 5P
SiPs as multi-component, multifunction products in an IC package.
02/22
logo
Multicomp Pro
SIP MULTICOMP-SIP Datasheet
110Kb / 3P
Single In Line Switches - Straight Terminals
21/3/08 REV A
logo
Samsung semiconductor
SIP-005AFS301 SAMSUNG-SIP-005AFS301 Datasheet
1Mb / 75P
BLOCK DIAGRAM AND MODULE FEATURES
SIP-005AFS302 SAMSUNG-SIP-005AFS302 Datasheet
1Mb / 75P
BLOCK DIAGRAM AND MODULE FEATURES
More results

Similar Description - SIPY 1.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10D1X00 NSC-ADC10D1X00 Datasheet
150Kb / 4P
The only difference on the pin-out between
logo
STMicroelectronics
STL40N10F7 STMICROELECTRONICS-STL40N10F7 Datasheet
851Kb / 15P
Among the lowest RDS on the market
18-Dec-2015
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
The Smallest Dimension in the Market
logo
Ohmite Mfg. Co.
RES-2010SMD OHMITE-RES-2010SMD Datasheet
304Kb / 2P
Smallest wirewound on the market
logo
Amphenol Corporation
T8031 AMPHENOL-T8031 Datasheet
54Kb / 2P
One of the smallest in-duct CO2 transmitters on the market
logo
RF Monolithics, Inc
DM1810-434-XK RFM-DM1810-434-XK Datasheet
95Kb / 1P
ETSI-certified for the European market
logo
Microsemi Corporation
PD-3504G MICROSEMI-PD-3504G Datasheet
817Kb / 2P
Compact 4-port Gigabit Midspan for the enterprise market
logo
Advantech Co., Ltd.
ESRP-ACT-UNO2484 ADVANTECH-ESRP-ACT-UNO2484 Datasheet
1,001Kb / 2P
Enterprise IoT Network Platform
logo
Multi-Tech Systems, Inc...
86002198 MULTITECH-86002198 Datasheet
730Kb / 4P
Programmable Gateway for the Internet of Things
2022-02
86002217 MULTITECH-86002217 Datasheet
720Kb / 4P
Programmable Gateway for the Internet of Things
2022-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com