Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NP16N06QLK Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NP16N06QLK
Description  60 V – 16 A – Dual N-channel Power MOS FET Application: Automotive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP16N06QLK Datasheet(HTML) 3 Page - Renesas Technology Corp

  NP16N06QLK Datasheet HTML 1Page - Renesas Technology Corp NP16N06QLK Datasheet HTML 2Page - Renesas Technology Corp NP16N06QLK Datasheet HTML 3Page - Renesas Technology Corp NP16N06QLK Datasheet HTML 4Page - Renesas Technology Corp NP16N06QLK Datasheet HTML 5Page - Renesas Technology Corp NP16N06QLK Datasheet HTML 6Page - Renesas Technology Corp NP16N06QLK Datasheet HTML 7Page - Renesas Technology Corp NP16N06QLK Datasheet HTML 8Page - Renesas Technology Corp NP16N06QLK Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NP16N06QLK
R07DS1290EJ0200 Rev. 2.00
Page 3 of 7
May 24, 2018
Electrical Characteristics (TA = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero Gate Voltage Drain Current
IDSS
1
A
VDS = 60 V, VGS = 0 V
Gate Leakage Current
IGSS
±10
A
VGS = ±20 V, VDS = 0 V
Gate to Source Threshold Voltage
VGS(th)
1.5
2.1
2.5
V
VDS = VGS, ID = 250
A
Forward Transfer Admittance 1
| yfs |
5
13
S
VDS = 5 V, ID = 8 A
Drain to Source On-state
Resistance 1
RDS(on)1
30
39
m
VGS = 10 V, ID = 8 A
RDS(on)2
38
60
m
VGS = 4.5 V, ID = 4 A
Input Capacitance *2
Ciss
500
750
pF
VDS = 25 V,
VGS = 0 V,
f = 1 MHz
Output Capacitance *2
Coss
50
75
pF
Reverse Transfer Capacitance *2
Crss
30
54
pF
Turn-on Delay Time *2
td(on)
15
30
ns
VDD = 30 V, ID = 8 A,
VGS = 10 V,
RG = 0
Rise Time *2
tr
5
13
ns
Turn-off Delay Time *2
td(off)
30
60
ns
Fall Time *2
tf
3
8
ns
Total Gate Charge *2
QG
11
17
nC
VDD = 48 V,
VGS = 10 V,
ID = 16 A
Gate to Source Charge
QGS
3
nC
Gate to Drain Charge
QGD
3
nC
Body Diode Forward Voltage 1
VF(S-D)
0.9
1.5
V
IF = 16 A, VGS = 0 V
Reverse Recovery Time
trr
20
ns
IF = 16 A, VGS = 0 V,
di/dt = 100 A/
s
Reverse Recovery Charge
Qrr
16
nC
Note:
*1. Pulsed test
Note:
*2. Not subject of production test. Verified by design/characterization.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com