Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M93C66-DW6TP Datasheet(PDF) 29 Page - STMicroelectronics

Part # M93C66-DW6TP
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE® serial access EEPROM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C66-DW6TP Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M93C66-DW6TP Datasheet HTML 25Page - STMicroelectronics M93C66-DW6TP Datasheet HTML 26Page - STMicroelectronics M93C66-DW6TP Datasheet HTML 27Page - STMicroelectronics M93C66-DW6TP Datasheet HTML 28Page - STMicroelectronics M93C66-DW6TP Datasheet HTML 29Page - STMicroelectronics M93C66-DW6TP Datasheet HTML 30Page - STMicroelectronics M93C66-DW6TP Datasheet HTML 31Page - STMicroelectronics M93C66-DW6TP Datasheet HTML 32Page - STMicroelectronics M93C66-DW6TP Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
Package mechanical data
29/37
12
Package mechanical data
In order to meet environmental requirements, ST offers the M93C86, M93C76, M93C66,
M93C56 and M93C46 in ECOPACK® packages. These packages have a lead-free second
level interconnect. The category of second level interconnect is marked on the package and
on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings
related to soldering conditions are also marked on the inner box label. ECOPACK is an ST
trademark. ECOPACK specifications are available at www.st.com.
Figure 12.
PDIP8 – 8 lead plastic dual in-line package, 300 mils body width, package
outline
1.
Drawing is not to scale.
Table 24.
PDIP8 – 8 lead plastic dual in-line package, 300 mils body width, package
mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Typ.
Min.
Max.
Typ.
Min.
Max.
A
5.33
0.2098
A1
0.38
0.015
A2
3.3
2.92
4.95
0.1299
0.115
0.1949
b
0.46
0.36
0.56
0.0181
0.0142
0.022
b2
1.52
1.14
1.78
0.0598
0.0449
0.0701
c
0.25
0.2
0.36
0.0098
0.0079
0.0142
D
9.27
9.02
10.16
0.365
0.3551
0.4
E
7.87
7.62
8.26
0.3098
0.3
0.3252
E1
6.35
6.1
7.11
0.25
0.2402
0.2799
e
2.54
-
-
0.1
-
-
eA
7.62
-
-
0.3
-
-
eB
10.92
0.4299
L
3.3
2.92
3.81
0.1299
0.115
0.15
PDIP-B
A2
A1
A
L
be
D
E1
8
1
c
eA
b2
eB
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com