Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRI64 Datasheet(PDF) 8 Page - STMicroelectronics

Part # LRI64
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LRI64 Datasheet HTML 4Page - STMicroelectronics LRI64 Datasheet HTML 5Page - STMicroelectronics LRI64 Datasheet HTML 6Page - STMicroelectronics LRI64 Datasheet HTML 7Page - STMicroelectronics LRI64 Datasheet HTML 8Page - STMicroelectronics LRI64 Datasheet HTML 9Page - STMicroelectronics LRI64 Datasheet HTML 10Page - STMicroelectronics LRI64 Datasheet HTML 11Page - STMicroelectronics LRI64 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
Description
LRI64
8/52
1.1
Memory mapping
The LRI64 is organized as 15 blocks of 8 bits as shown in Figure 3. Each block is
automatically write-protected after the first valid write access.
Figure 3.
LRI64 memory mapping
The LRI64 uses the first 8 blocks (blocks 0 to 7) to store the 64-bit unique identifier (UID).
The UID is used during the anticollision sequence (Inventory). It is written, by ST, at time of
manufacture, but part of it can be customer-accessible and customer-writable, on special
request.
The LRI64 has an AFI register, in which to store the application family identifier value, which
is also used during the anticollision sequence.
The LRI64 has a DSFID register, in which to store the data storage format identifier value,
which is used for the LRI64 Inventory answer.
The five following blocks (blocks 10 to 14) are write-once read-many (WORM) memory. It is
possible to write to each of them once. After the first valid write access, the block is
automatically locked, and only read commands are possible.
AI09741
Block
Addr
01234567
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
UID 0
UID 1
UID 2
UID 3
UID 4
UID 5 = IC_ID
UID 6 = 02h
UID 7 = E0h
AFI (WORM Area)
DSFID (WORM Area)
WORM Area
WORM Area
WORM Area
WORM Area
WORM Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com