Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRI64-MBTG Datasheet(PDF) 51 Page - STMicroelectronics

Part # LRI64-MBTG
Description  Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-MBTG Datasheet(HTML) 51 Page - STMicroelectronics

Back Button LRI64-MBTG Datasheet HTML 44Page - STMicroelectronics LRI64-MBTG Datasheet HTML 45Page - STMicroelectronics LRI64-MBTG Datasheet HTML 46Page - STMicroelectronics LRI64-MBTG Datasheet HTML 47Page - STMicroelectronics LRI64-MBTG Datasheet HTML 48Page - STMicroelectronics LRI64-MBTG Datasheet HTML 49Page - STMicroelectronics LRI64-MBTG Datasheet HTML 50Page - STMicroelectronics LRI64-MBTG Datasheet HTML 51Page - STMicroelectronics LRI64-MBTG Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
LRI64
Revision history
51/52
Revision history
Table 22.
Document revision history
Date
Revision
Changes
27-Aug-2003
1.0
First Issue
16-Jul-2004
2.0
First public release of full datasheet
22-Sep-2004
3.0
Values changed for tW, t1 and t2
11-Jul-2005
4.0
Added MLP package information.
7-Sept-2005
5.0
Modified Option_Flag information in Get System Info command and
added ISO 18000-3 Mode 1 compliance.
19-Feb-2007
6
Document reformatted. UFDPFN8 package specifications updated (see
Table 18: UFDFPN8 (MLP8), 8-lead ultra thin fine pitch dual flat
package no lead 2 × 3 mm, package mechanical data). ST offers the
LRI64 in ECOPACK® compliant UFDPFN8 packages.
CTUN value for W4/3 added to Table 13: DC characteristics.
Small text changes.
01-Apr-2008
7
Small text changes.
VESD for MLP package added to Table 11: Absolute maximum ratings.
UFDFPN8 inch values calculated from millimeters rounded to four
decimal digits (see Table 18: UFDFPN8 (MLP8), 8-lead ultra thin fine
pitch dual flat package no lead 2 × 3 mm, package mechanical data).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com