Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA23 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA23
Description  COUPLER SMA F/SMA F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA23 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA23 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.60 15.2
.26 6.5
2X, 1/4-36 UNS-2A THREAD
2X SMA JACK
2X GOLD PLATED
CENTER CONTACT
RoHS Compliant 
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: DC ~ 6 GHz
COMPONENT SHALL BE INDIVIDUALLY PACKAGED
IN ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
D
D
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
DIELECTRIC
TEFLON
-
CENTER PIN
BRASS
GOLD PLATE
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA23
D
BA23.SLDDRW
1
1
D.PARHAM
06/06/01
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
R.CARRICK
06/19/01
06/19/01
A
B
RELEASED FOR PRODUCTION
ECN#2084: CHANGED DESIGN OF SMA COUPLER
05/19/05
MCCORMICK
M.LAHEY
C
ECN 3124: UPDATE DWG FORMAT
12/19/07
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
D
ECN 5753: UPDATED DRAWING TO VENDOR SPEC., NEW FORMAT
10/5/11
D.FRISIELLO
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
COUPLER SMA F/SMA F
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
REF
MCCORMICK
COLOR VARIATIONS
MAY OCCUR
06/06/01
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - BA23

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA230 L-COM-BA230 Datasheet
114Kb / 1P
BNC JACK TO UHF JACK
12/05/01
BA2301 L-COM-BA2301 Datasheet
50Kb / 1P
TNC FEED-THRU ADAPTOR
09/28/01
logo
Edal Industries, Inc.
BA232 EDAL-BA232 Datasheet
93Kb / 1P
Silicon Bridge Rectifier
BA232-10 EDAL-BA232-10 Datasheet
93Kb / 1P
Silicon Bridge Rectifier
BA232-100 EDAL-BA232-100 Datasheet
93Kb / 1P
Silicon Bridge Rectifier
More results

Similar Description - BA23

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SF-SF50+ MINI-SF-SF50+ Datasheet
132Kb / 1P
Coaxial Adapter, SMA-F to SMA-F
logo
Pomona Electronics
72979 POMONA-72979 Datasheet
119Kb / 1P
SMA (F) TO SMB (F)
logo
Mini-Circuits
SF-BF50 MINI-SF-BF50 Datasheet
209Kb / 1P
SMA-F to BNC-F
SF-MQK50 MINI-SF-MQK50 Datasheet
215Kb / 1P
SMA-F to SMA-M
logo
Winchester Electronics ...
SD879-5-15-MA9 WINCHESTER-SD879-5-15-MA9 Datasheet
41Kb / 1P
ADPT, F-F, BNC TO SMA
logo
Mini-Circuits
SF-SMRP50 MINI-SF-SMRP50 Datasheet
215Kb / 2P
Adapter SMA-F to SMA-MRP
SMPF-SF50 MINI-SMPF-SF50 Datasheet
204Kb / 2P
Adapter SMP-F to SMA-F
SF-SFRP50 MINI-SF-SFRP50 Datasheet
325Kb / 2P
Adapter SMA-F to SMA-FRP
logo
PHOENIX CONTACT
2884541 PHOENIX-2884541 Datasheet
231Kb / 2P
Adapter - RAD-ADP-SMA/F-SMA/F
logo
Amphenol SV Microwave
1129-6279 SVMICROWAVE-1129-6279 Datasheet
75Kb / 1P
SMA F TO SMA F STR. ADAPTER
04/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com