Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIY-HD15CMF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DIY-HD15CMF
Description  ADPT, KIT UNWIRED HDB15M/F SHD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DIY-HD15CMF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DIY-HD15CMF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2X, 4-40 UNC-2B
HEX STANDOFF
4X, 4-40 UNC-2A
SCREW
2.20
55.9
PIN 1
.64
16.3
1.21
30.7
PIN 1
RoHS Compliant 
"J1"
HD15 FEMALE
CONNECTOR
WITH SOLDER CUPS
"P1"
HS15 MALE
CONNECTOR
WITH SOLDER CUPS
NOTES:
1. ENCLOSURE IS METALIZED CONDUCTIVE CHROME PLATED
INSIDE AND OUTSIDE.
2. COVER HALVES SNAP TOGETHER TO RETAIN CONNECTORS
AND CAPTIVE HARDWARE.
3. COMPONENT ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
4. ALL DIMENSIONS ARE FOR REFERENCE ONLY.
5. COMPONENT ASSEMBLY IS SHIPPED UN-ASSEMBLED.
6. JUMPER WIRES ARE SUPPLIED SEPARATELY.
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DIYHD15CMF
A
DIYHD15CMF.SLDDRW
1
1
D. PARHAM
8/17/11
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
S. SMITH
8/17/11
8/17/11
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADPT, KIT UNWIRED HDB15M/F SHD
DATA
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
8/17/11
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - DIY-HD15CMF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DIY15FF L-COM-DIY15FF Datasheet
72Kb / 1P
ADPT, KIT UNWIRED DB15F/F
2/4/13
DIY15MF L-COM-DIY15MF Datasheet
83Kb / 1P
DB15 M/F DATA LINE ADAPTOR
11/24/2004
DIY15MM L-COM-DIY15MM Datasheet
72Kb / 1P
ADPT, KIT UNWIRED DB15M/M
7/1/13
DIY259FF L-COM-DIY259FF Datasheet
76Kb / 1P
ADAPTER KIT DIY259FF
01/18/2001
DIY259MF L-COM-DIY259MF Datasheet
111Kb / 1P
ADPT, KIT UNWIRED DB25M/DB9F
8/1/12
More results

Similar Description - DIY-HD15CMF

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD879-5-15-MA9 WINCHESTER-SD879-5-15-MA9 Datasheet
41Kb / 1P
ADPT, F-F, BNC TO SMA
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD1209-20 WINCHESTER-SD1209-20 Datasheet
63Kb / 1P
ADPT, TNC-N, F-M
SD2029-15-9 WINCHESTER-SD2029-15-9 Datasheet
48Kb / 1P
ADPT, F-F, 75 BNC-75 BNC
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
ADPT, M-F, TNC-BNC
KA-91-18 WINCHESTER-KA-91-18 Datasheet
43Kb / 1P
ADPT, M-F, TNC-BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com