Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIY15MM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DIY15MM
Description  ADPT, KIT UNWIRED DB15M/M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DIY15MM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DIY15MM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EXPLODED VIEW
2X SNAP-ON HALF COVER
4X SCREW GUARD
2.0
50.8
4X, 4-40 UNC-2A
FILLISTER HEAD SCREW
2 PIECE HOUSING
POSITION 1
.64
16.3
1.54
39.1
2X, 15 CONTACT, MALE
D-SUB CONNECTOR
POSITION 1
NOTES:
MATERIAL:
HOUSING: ABS, COLOR: GRAY
SHELL: COLD ROLLED STEEL
CONTACTS: COPPER ALLOY
INSULATOR: PBT W/GLASS FIBER FILLED (UL94V-0 RATED)
FINISH:
SHELL: TIN PLATED
CONTACTS: GOLD FLASH PLATED
SOLDER CUPS: TIN-LEAD PLATED
ELECTRICAL:
CURRENT RATING: 5 AMP
DIELECTRIC WITHSTANDING VOLTAGE: 1000 VAC rms
INSULATION RESISTANCE: 5000 M
Ω @ 500VDC
CONTACT RESISTANCE: 10mΩ MAX.
MISCELLANEOUS:
ALL DIMENSIONS SHOWN ARE FOR REFERENCE ONLY.
ADAPTER IS NOT SUPPLIED WITH JUMPERS.
CONNECTORS ARE SOLDER CUP STYLE.
ADAPTER SHALL BE INDIVIDUALLY PACKAGED, UNASSEMBLED,
IN ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DIY15MM
A
DIY15MM.SLDDRW
1
1
D.DESJARDIN
7/1/13
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
S.SMITH
7/1/13
7/1/13
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADPT, KIT UNWIRED DB15M/M
D-SUBMINIATURE
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
7/1/13
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - DIY15MM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DIY15MF L-COM-DIY15MF Datasheet
83Kb / 1P
DB15 M/F DATA LINE ADAPTOR
11/24/2004
More results

Similar Description - DIY15MM

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD879-4-15-MA9 WINCHESTER-SD879-4-15-MA9 Datasheet
47Kb / 1P
ADPT, BNC TO SMA, M-F
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SD1209-20 WINCHESTER-SD1209-20 Datasheet
63Kb / 1P
ADPT, TNC-N, F-M
SD1209-75-5 WINCHESTER-SD1209-75-5 Datasheet
47Kb / 1P
ADPT, ANG, BNC-N, M-F
SD1709-1 WINCHESTER-SD1709-1 Datasheet
45Kb / 1P
ADPT M-M, BKHD, SHV
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
ADPT, M-F, TNC-BNC
KA-91-18 WINCHESTER-KA-91-18 Datasheet
43Kb / 1P
ADPT, M-F, TNC-BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com