Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIY259FF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DIY259FF
Description  ADAPTER KIT DIY259FF
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DIY259FF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DIY259FF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
°
NONE
ADAPTER KIT DIY259FF
43321
CAD FILE:
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
DIY259FF.SLDDRW
UNLESS OTHERWISE SPECIFIED,
D.PARHAM
COLOR VARIATIONS
≤12 [305] = +1 [25] / -0
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
OVERALL CABLE LENGTH TOLERANCE:
1
01/18/2001
UNDIMENSIONED FEATURES
E
T.CLARK
07/25/2001
07/18/2001
REVISIONS
DESCRIPTION
APPROVED
DIY259FF
11/11/2021
1
GUTTADAURO
REV
E
GUTTADAURO
ALL OTHER DIMENSIONAL TOLERANCES:
6
D
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
DATE
09/28/2021
CAGE CODE
8
FRACTIONS
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
D-SUBMINIATURE
CATEGORY
T-Rev.D
THIRD-ANGLE PROJECTION
>60 [1524] ≤120 [3048] = +4 [102] / -0
± 1/32
>120 [3048] ≤300 [7620] = +6 [152] / -0
North Andover, MA 01845 USA.
>300 [7620] = +5% / -0
ECN 11393: REVISED DIM 0.2mm TO 2.0mm (SCREW HEAD)
7
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
>12 [305] ≤60 [1524] = +2 [51] / -0
1.978.682.6936
ECN 11495: REVISED 4-40 SCREW AND HEX NUT
MAY OCCUR
ANGLES ± 1
7
50 High Street, West Mill,
Phone: 1.800.341.5266
.X =
.2 [5]
.XX =
.02 [.5]
.XXX =
.005 [.13]
E
E
25 CONTACT FEMALE
D-SUB CONNECTOR
PIN 1
2.20
55.9
.68
17.3
9 CONTACT FEMALE
D-SUB CONNECTOR
PIN 1
1.34
34
4X 4-40 UNC-2B
HEX NUT
4X 4-40 UNC-2A
SCREW
NOTES:
1. D-SUB CONNECTORS HAVE SOLDER TERMINALS
2. HOUSING: GRAY THERMOPLASTIC
3. HOUSING SNAPS TOGETHER
4. KIT SHOWN COMES UNASSEMBLED
5. KIT CONSISTS OF:
1X PLASTIC HOUSING
1X DB25 FEMALE CONNECTOR
1X DB9 FEMALE CONNECTOR
4X 4-40 SCREWS
4X 4-40 HEX NUTS
6. KIT TO BE PACKAGED IN ACCORDANCE WITH L-COM PACKAGING
SPECIFICATION PS-0031
7. ALL DIMENSIONS ARE FOR REFERENCE ONLY.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
2.04
51.8
2.40
60.8
.23
5.9
.17
4.3
4-40 UNC-2B
.19
4.75
4-40 UNC-2A
15
2.2
.59
8.5
.33
4.5
.18
.09
.09
2.4


Similar Part No. - DIY259FF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DIY259MF L-COM-DIY259MF Datasheet
111Kb / 1P
ADPT, KIT UNWIRED DB25M/DB9F
8/1/12
DIY259MM L-COM-DIY259MM Datasheet
61Kb / 1P
ADAPTOR KIT
11/05/2007
More results

Similar Description - DIY259FF

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5698 POMONA-5698 Datasheet
814Kb / 3P
Universal Adapter Kit
72931 POMONA-72931 Datasheet
421Kb / 2P
SMA Adapter Kit
72932 POMONA-72932 Datasheet
380Kb / 2P
Type N Adapter Kit
logo
Molex Electronics Ltd.
0011200947 MOLEX11-0011200947 Datasheet
16Kb / 1P
IDT - Manual - Adapter Kit
0011317559 MOLEX11-0011317559 Datasheet
22Kb / 1P
IDT - Manual - Adapter Kit
11-20-0947 MOLEX11-11-20-0947 Datasheet
23Kb / 1P
IDT - Manual - Adapter Kit
11-21-9933 MOLEX11-11-21-9933 Datasheet
23Kb / 1P
IDT - Manual - Adapter Kit
0011313337 MOLEX11-0011313337 Datasheet
27Kb / 1P
IDT - Manual - Adapter Kit
11-31-7559 MOLEX11-11-31-7559 Datasheet
28Kb / 1P
IDT - Manual - Adapter Kit
logo
Rosenberger Hochfrequen...
53QCK070-150 ROSENBERGER-53QCK070-150 Datasheet
557Kb / 2P
Calibration Kit Adapter Version
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com