Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIY259MF Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DIY259MF
Description  ADPT, KIT UNWIRED DB25M/DB9F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DIY259MF Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DIY259MF Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.0
51.8
1.3
34.0
2.2
55.9
"P1"
MALE 25 PIN
D-SUB CONNECTOR
PIN 1
.67
17.0
"J1"
FEMALE 9 PIN
D-SUB CONNECTOR
POSITION 1
FILLISTER HEAD SCREW
HEX STANDOFF
DB25M
HOUSING
DB9F
RoHS Compliant 
NOTE
MATERIAL
HOUSING: THERMOPLASTIC
CONNECTOR SHELL: COLD ROLLED STEEL
INSULATOR: THERMOPLASTIC. UL94V-0 RATED
CONTACTS: COPPER ALLOY
HARDWARE: STEEL OR BRASS
FINISH:
CONTACTS: GOLD PLATED
SHELL: TIN FINISH
HARDWARE: NICKEL PLATED
MISCELLANEOUS:
KIT CONTAINS:
1- THERMOPLASTIC HOUSING
1- 25 PIN, MALE D-SUB CONNECTOR (SOLDER CUP)
1- 9 PIN, FEMALE D-SUB CONNECTOR (SOLDER CUP)
4- 4-40UNC-2A SCREWS
4- 4-40UNC-2B HEX STANDOFFS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
DIY259MF
A
DIY259MF.SLDDRW
1
1
D. PARHAM
8/1/12
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
S. SMITH
8/1/12
8/2/12
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADPT, KIT UNWIRED DB25M/DB9F
DATA
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. DESJARDIN
COLOR VARIATIONS
MAY OCCUR
8/1/12
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - DIY259MF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DIY259MM L-COM-DIY259MM Datasheet
61Kb / 1P
ADAPTOR KIT
11/05/2007
More results

Similar Description - DIY259MF

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD879-5-15-MA9 WINCHESTER-SD879-5-15-MA9 Datasheet
41Kb / 1P
ADPT, F-F, BNC TO SMA
SD1209-75-5 WINCHESTER-SD1209-75-5 Datasheet
47Kb / 1P
ADPT, ANG, BNC-N, M-F
SD1709-1 WINCHESTER-SD1709-1 Datasheet
45Kb / 1P
ADPT M-M, BKHD, SHV
logo
List of Unclassifed Man...
1059 ETC1-1059 Datasheet
60Kb / 1P
DB9F to DB25M Serial Printer Cable
logo
Tripp Lite. All Rights ...
P450000 TRIPPLITE-P450000 Datasheet
485Kb / 2P
Null Modem Serial DB9 Serial Modular Adapter Kit, 2x (DB9F to RJ45F)
P450-000 TRIPPLITE-P450-000 Datasheet
158Kb / 2P
Null Modem Serial DB9 Serial Modular Adapter Kit, 2x (DB9F to RJ45F)
logo
Wurth Elektronik GmbH &...
64403160111000 WURTH-64403160111000 Datasheet
233Kb / 4P
WR-ADPT Coax Adaptor
001.000
logo
Advantech Co., Ltd.
BB-232AMM5 ADVANTECH-BB-232AMM5 Datasheet
364Kb / 1P
D-subminiature Serial Cable – DB25M to DB25M
BB-9PAMF1 ADVANTECH-BB-9PAMF1 Datasheet
746Kb / 1P
DB9M to DB9F Serial Cables
BB-DGB9FT ADVANTECH-BB-DGB9FT Datasheet
312Kb / 1P
DB9F to Terminal Block Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com