Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIY259MM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # DIY259MM
Description  ADAPTOR KIT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

DIY259MM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  DIY259MM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MALE, 9 PIN
D-SUB CONNECTOR
"P1"
1- 9 PIN, MALE D-SUB CONNECTOR (SOLDER CUP)
4- 4-40UNC-2A SCREWS
4- 4-40UNC-2B HEX STANDOFFS
NOTE
MATERIAL
HOUSING: THERMOPLASTIC
CONNECTOR SHELL: COLD ROLLED STEEL
INSULATOR: THERMOPLASTIC. UL94V-0 RATED
CONTACTS: COPPER ALLOY
HARDWARE: STEEL OR BRASS
FINISH:
CONTACTS: GOLD PLATED
SHELL: TIN FINISH
HARDWARE: NICKEL PLATED
MISCELLANEOUS:
KIT CONTAINS:
1- THERMOPLASTIC HOUSING
1- 25 PIN, MALE D-SUB CONNECTOR (SOLDER CUP)
POSITION 1
.66 16.7
2.0 51.8
1.3 33.7
DB9M
HEX STANDOFF
FILLISTER HEAD SCREW
DB25M
HOUSING
RoHS Compliant
COLOR VARIATIONS
REF
DATE
A
B
D. PARHAM
11/05/2007
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
D.PARHAM
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
43321
MAY OCCUR
D. FRISIELLO
1
A
8
DIY259MM
11/05/2007
REVISIONS
DESCRIPTION
APPROVED
REV
A
12/14/09
INTIAL RELEASE
J. KIEZULAS
ECN 99999: MADE ALL DIMENSIONS REFERENCE AND NEW FORMAT, ROHS
1
D.FRISIELLO
CATEGORY
DIY259MM.SLDDRW
A
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
UNLESS OTHERWISE SPECIFIED,
11/05/2007
DATA CABLING
PROJECTION
ADAPTOR KIT
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
11/05/2007
PRODUCT DESCRIPTION
7
DIMENSIONAL TOLERANCES:
.X = ±.1
.XX = ±.01
.XXX = ±.005
ANGULAR TOLERANCES:
ALL = ± 1°
MALE, 25 PIN
D-SUB CONNECTOR
"P2"
POSITION 1
2.20 55.9


Similar Part No. - DIY259MM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
DIY259MF L-COM-DIY259MF Datasheet
111Kb / 1P
ADPT, KIT UNWIRED DB25M/DB9F
8/1/12
More results

Similar Description - DIY259MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
416016711-3 ETC2-416016711-3 Datasheet
9Mb / 2P
HD-SDI to HDMI adaptor board - KIT 70600
BAK400 ETC2-BAK400 Datasheet
1Mb / 1P
KIT ADAPTOR 192 VARIOUS TYPES
logo
Extech Instruments Corp...
AN300-C EXTECH-AN300-C Datasheet
194Kb / 2P
Model AN300-C Air Flow Adaptor Kit
logo
Rosenberger Hochfrequen...
03K105-K00S3 ROSENBERGER-03K105-K00S3 Datasheet
76Kb / 2P
ADAPTOR
03K107-P00S3 ROSENBERGER-03K107-P00S3 Datasheet
88Kb / 2P
ADAPTOR
03KR107-P0AS3 ROSENBERGER-03KR107-P0AS3 Datasheet
192Kb / 2P
ADAPTOR
05S107-P00S3 ROSENBERGER-05S107-P00S3 Datasheet
85Kb / 2P
ADAPTOR
02KR105-K0AS3 ROSENBERGER-02KR105-K0AS3 Datasheet
53Kb / 2P
ADAPTOR
05K432-K00S3 ROSENBERGER-05K432-K00S3 Datasheet
92Kb / 2P
ADAPTOR
32S156-K00L5 ROSENBERGER-32S156-K00L5 Datasheet
329Kb / 2P
ADAPTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com